Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MP2403DN Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP2403DN
Description  3A, 32V, 250kHz Integrated Synchronous Step-Down Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2403DN Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP2403DN Datasheet HTML 1Page - Monolithic Power Systems MP2403DN Datasheet HTML 2Page - Monolithic Power Systems MP2403DN Datasheet HTML 3Page - Monolithic Power Systems MP2403DN Datasheet HTML 4Page - Monolithic Power Systems MP2403DN Datasheet HTML 5Page - Monolithic Power Systems MP2403DN Datasheet HTML 6Page - Monolithic Power Systems MP2403DN Datasheet HTML 7Page - Monolithic Power Systems MP2403DN Datasheet HTML 8Page - Monolithic Power Systems MP2403DN Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
MP2403 – 3A, 32V, 250kHz INTEGRATED SYNCHRONOUS STEP-DOWN CONVERTER
MP2403 Rev.1.0
www.MonolithicPower.com
5
4/20/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CURVES
VIN = 12V, VOUT = 3.3V, TA = +25°C, unless otherwise noted.
VIN
200mV/div.
VO
10mV/div.
SW
5V/div.
VIN
10mV/div.
SW
5V/div.
Iinductor
1A/div.
Iinductor
1A/div.
Iinductor
1A/div.
Iinductor
1A/div.
SW
5V/div.
Input Ripple Voltage
Input Ripple Voltage
IO = 0A
2us/div.
2us/div.
2us/div.
Output Ripple Voltage
IO = 0A
Loop Response
IO = 1.5A-3A
VO
100mV/div.
100us/div.
VIN=5V
VIN=12V
VIN=24V
VIN=30V
OUTPUT CURRENT(A)
Load Regulation
0
-1.0%
-0.5%
0.5%
1.0%
1234
0.0%
Line Regulation
INPUT VOLTAGE(V)
0
10203040
-1.0%
-0.5%
0.5%
1.0%
0.0%
IOUT=3A
IOUT=1.5A
IOUT=0A
VOUT = 3.3V
VOUT = 3.3V
IO = 3A
VO
10mV/div.
SW
5V/div.
Iinductor
1A/div.
Output Ripple Voltage
IO = 3A
2us/div.
0.1
1
10
100
Operating Range
DUTY
Peak Current vs
Duty Cycle
INPUT VOLTAGE (V)
0
10203040
0
0
1
2
3
4
5
6
7
0.2
0.4
0.6
0.8
DMAX
VIN_MIN
TON_MIN
VIN_MAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com