Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MP2403DN Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2403DN
Description  3A, 32V, 250kHz Integrated Synchronous Step-Down Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2403DN Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2403DN Datasheet HTML 1Page - Monolithic Power Systems MP2403DN Datasheet HTML 2Page - Monolithic Power Systems MP2403DN Datasheet HTML 3Page - Monolithic Power Systems MP2403DN Datasheet HTML 4Page - Monolithic Power Systems MP2403DN Datasheet HTML 5Page - Monolithic Power Systems MP2403DN Datasheet HTML 6Page - Monolithic Power Systems MP2403DN Datasheet HTML 7Page - Monolithic Power Systems MP2403DN Datasheet HTML 8Page - Monolithic Power Systems MP2403DN Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
MP2403
3A, 32V, 250kHz Integrated Synchronous
Step-Down Converter
MP2403 Rev.1.0
www.MonolithicPower.com
1
4/20/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2403 is a monolithic synchronous buck
regulator. The device integrates a 150mΩ
high-side MOSFET and an 80mΩ low-side
MOSFET that provides 3A continuous load
current over a wide operating input voltage of
4.6V to 32V. Current mode control provides fast
transient response and cycle-by-cycle current
limit.
An adjustable soft-start prevents inrush current
at turn-on. In shutdown mode, the supply
current drops to 1μA.
This device, available in an 8-pin SOIC
package, provides a very compact system
solution with minimal reliance on external
components.
EVALUATION BOARD REFERENCE
Board Number
Dimensions
EV2403DN-00A
2.0”X x 1.5”Y x 0.5”Z
FEATURES
• 3A Output Current
• Wide 4.6V to 32V Operating Input Range
• Integrated MOSFET Switches
• Output Adjustable from 0.80V to 28V
• Up to 95% Efficiency
• Programmable Soft-Start
• Stable with Low ESR Ceramic Output Capacitors
• Fixed 250kHz Frequency
• Cycle-by-Cycle Over Current Protection
• Input Under Voltage Lockout
• Thermally Enhanced 8-Pin SOIC Package
APPLICATIONS
• Distributed Power Systems
• Pre-Regulator for Linear Regulators
• Notebook Computers
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
INPUT
4.6V to 32V
OFF
ON
OUTPUT
3.3V
3A
MP2403
BS
IN
1
2
3
5
6
4
8
7
FB
SW
SS
GND
COMP
EN
100
90
80
70
60
50
40
30
20
10
0
01
2
3
Efficiency vs
Output Current
OUTPUT CURRENT(A)
VIN=32V
VIN=5V
VIN=24V
VIN=12V
VOUT=3.3V


Similar Part No. - MP2403DN

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
MP240 APEX-MP240 Datasheet
353Kb / 5P
POWER OPERATIONAL AMPLIFIER
logo
CTS Corporation
MP240 CTS-MP240 Datasheet
133Kb / 5P
Quartz Crystal
logo
Cirrus Logic
MP240 CIRRUS-MP240 Datasheet
575Kb / 7P
Power Operational Amplifier
MP240 CIRRUS-MP240 Datasheet
478Kb / 7P
Power Operational Amplifier
logo
Crydom Inc.,
MP240D2 CRYDOM-MP240D2 Datasheet
1Mb / 20P
THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
More results

Similar Description - MP2403DN

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP3426 EUTECH-EUP3426 Datasheet
129Kb / 1P
3A, Synchronous Step-Down Converter
logo
Monolithic Power System...
MP9403 MPS-MP9403 Datasheet
344Kb / 13P
3A, 7V, 250kHz Integrated Synchronous Step-Down Converter
logo
Eutech Microelectronics...
EUP3226 EUTECH-EUP3226 Datasheet
736Kb / 1P
3A, Synchronous Step-Down Converter
logo
E-CMOS Corporation
EC3276 E-CMOS-EC3276 Datasheet
959Kb / 12P
2.2A/32V Synchronous Rectified Step-Down Converter
EC3278 E-CMOS-EC3278 Datasheet
966Kb / 11P
2.4A/32V Synchronous Rectified Step-Down Converter
EC3286 E-CMOS-EC3286 Datasheet
1,011Kb / 14P
3A 32V Synchronous Rectified Step-Down Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1519 TECHCODE-TD1519 Datasheet
939Kb / 14P
2A 32V Synchronous Rectified Step-Down Converter
TD1519A TECHCODE-TD1519A Datasheet
946Kb / 14P
2A 32V Synchronous Rectified Step-Down Converter
TD2776 TECHCODE-TD2776 Datasheet
925Kb / 14P
2.2A 32V Synchronous Rectified Step-Down Converter
TD2778 TECHCODE-TD2778 Datasheet
906Kb / 13P
2.4A 32V Synchronous Rectified Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com