Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MP2403DN Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP2403DN
Description  3A, 32V, 250kHz Integrated Synchronous Step-Down Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2403DN Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP2403DN Datasheet HTML 5Page - Monolithic Power Systems MP2403DN Datasheet HTML 6Page - Monolithic Power Systems MP2403DN Datasheet HTML 7Page - Monolithic Power Systems MP2403DN Datasheet HTML 8Page - Monolithic Power Systems MP2403DN Datasheet HTML 9Page - Monolithic Power Systems MP2403DN Datasheet HTML 10Page - Monolithic Power Systems MP2403DN Datasheet HTML 11Page - Monolithic Power Systems MP2403DN Datasheet HTML 12Page - Monolithic Power Systems MP2403DN Datasheet HTML 13Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
MP2403 – 3A, 32V, 250kHz INTEGRATED SYNCHRONOUS STEP-DOWN CONVERTER
MP2403 Rev.1.0
www.MonolithicPower.com
10
4/20/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
In this case, a third pole set by the
compensation
capacitor
(C6)
and
the
compensation
resistor
(R3)
is
used
to
compensate the effect of the ESR zero on the
loop gain. This pole is located at:
3
R
6
C
2
1
f 3
P
×
×
π
=
The goal of compensation design is to shape
the converter transfer function to get a desired
loop gain. The system crossover frequency
where the feedback loop has the unity gain is
important.
Lower crossover frequencies result in slower
line and load transient responses, while higher
crossover frequencies could cause system
unstable. A good rule of thumb is to set the
crossover frequency to approximately one-tenth
of the switching frequency. Switching frequency
for the MP2403 is 250KHz, so the desired
crossover frequency is 25KHz.
Table 3 lists the typical values of compensation
components for some standard output voltages
with various output capacitors and inductors. The
values of the compensation components have
been optimized for fast transient responses and
good stability at given conditions.
To optimize the compensation components for
conditions not listed in Table 2, the following
procedure can be used.
1. Choose the compensation resistor (R3) to set
the desired crossover frequency. Determine the
R3 value by the following equation:
FB
OUT
CS
EA
C
V
V
G
G
f
2
C
2
3
R
×
×
×
×
π
=
Where fC is the desired crossover frequency,
25KHz.
2. Choose the compensation capacitor (C3) to
achieve
the
desired
phase
margin.
For
applications with typical inductor values, setting
the compensation zero, fZ1, below one forth of
the crossover frequency provides sufficient
phase margin. Determine the C3 value by the
following equation:
C
f
3
R
2
4
3
C
×
×
π
>
Table 3—Compensation Values for Typical
Output Voltage/Capacitor Combinations
VOUT
L
C2
R3
C3
C6
1.8V
4.7μH
100μF
Ceramic
5.6kΩ
3.3nF
None
2.5V
4.7-
6.8μH
47μF
Ceramic
4.7kΩ
4.7nF
None
3.3V
6.8-
10μH
22μFx2
Ceramic
5.6kΩ
3.3nF
None
5V
10-
15μH
22μFx2
Ceramic
7.5kΩ
3.3nF
None
12V
15-
22μH
22μFx2
Ceramic
10kΩ
1.2nF
None
1.8
4.7μH
100μF
SP-CAP
10kΩ
2.2nF 100pF
2.5V
4.7-
6.8μH
47μF
SP-CAP
5.6kΩ
3.3nF
None
3.3V
6.8-
10μH
47μF
SP-CAP
6.8kΩ
2.2nF
None
5V
10-
15μH
47μF
SP CAP
10kΩ
2.2nF
None
2.5V
4.7-
6.8μH
560μF Al.
30mΩ ESR
10kΩ
7.5nF
1.5nF
3.3V
6.8-
10μH
560μF Al
30mΩ ESR
10kΩ
10nF
1.5nF
5V
10-
15μH
470μF Al.
30mΩ ESR
15kΩ
7.5nF
1nF
12V
15-
22μH
220μF Al.
30mΩ ESR
15kΩ
10nF
390pF
3. Determine if the second compensation
capacitor (C6) is required. It is required if the
ESR zero of the output capacitor is located at
less than half of the 250KHz switching
frequency, or the following relationship is valid:
2
f
R
2
C
2
1
S
ESR
<
×
×
π
If this is the case, then add the second
compensation capacitor (C6) to set the pole fP3
at the location of the ESR zero. Determine the
C6 value by the equation:
3
R
R
2
C
6
C
ESR
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com