Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AM79C976 Datasheet(PDF) 22 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 22 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 18Page - Advanced Micro Devices AM79C976 Datasheet HTML 19Page - Advanced Micro Devices AM79C976 Datasheet HTML 20Page - Advanced Micro Devices AM79C976 Datasheet HTML 21Page - Advanced Micro Devices AM79C976 Datasheet HTML 22Page - Advanced Micro Devices AM79C976 Datasheet HTML 23Page - Advanced Micro Devices AM79C976 Datasheet HTML 24Page - Advanced Micro Devices AM79C976 Datasheet HTML 25Page - Advanced Micro Devices AM79C976 Datasheet HTML 26Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 309 page
background image
22
Am79C976
8/01/00
P R E L I M INARY
EECS
Serial EEPROM Chip Select
O
O
1
EEDI
Serial EEPROM Data In
O
TSO
1
EEDO
Serial EEPROM Data Out
I
IO
1
EESK
Serial EEPROM Clock
IO
TSO
1
External Memory Interface
ERCLK
External Memory Clock
O
O
1
ERA[19:0]/FLA[19:0]
External Memory Address[19:0]
O
O
20
ERD[31:0] / FLA[23:20] / FLD[7:0]
External Memory Data [31:0]/Flash
Address[23:20]/Flash Data[7:0]
IO
IO
32
ERADV/FLOE
External Memory Advance
O
O
1
ERADSP/CEN
External Memory Address Strobe
O
O
1
EROE
External Memory Output Enable
O
O
1
ERWE/FLWE
External Memory Write Enable
O
O
1
ERCE
SSRAM Chip Enable
O
O
1
FLCS
Flash Memory Chip Select
O
O
1
Media Independent Interface (MII)
COL
Collision
I
I
1
CRS
Carrier Sense
I
I
1
FC
Hardware Flow Control
I
I
1
MDC
Management Data Clock
O
O
1
MDIO
Management Data I/O
IO
IO
1
RX_CLK
Receive Clock
I
I
1
RXD[3:0]
Receive Data
I
I
4
RX_DV
Receive Data Valid
I
I
1
RX_ER
Receive Error
I
I
1
TX_CLK
Transmit Clock
I
I
1
TXD[3:0]
Transmit Data
O
O
4
TX_EN
Transmit Data Enable
O
O
1
External Address Detection Interface (EADI)
EAR
External Address Reject
I
I
1
SFBD
Start Frame Byte Delimiter
Note 2
Note 2
1
RXFRTGD
Receive Frame Tag Data
I
IO
1
RXFRTGE
Receive Frame Tag Enable
I
IO
1
Power Management Interface
RWU
Remote Wake Up
O
TSO
1
PME
Power Management Event
O
OD
1
WUMI
Wake-Up Mode Indicator
O
OD
1
PG
Power Good
I
I
1
Pin Name
Pin Function
Signal Type1 Pin Type1
No. of Pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com