Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AM79C976 Datasheet(PDF) 2 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 2 Page - Advanced Micro Devices

  AM79C976 Datasheet HTML 1Page - Advanced Micro Devices AM79C976 Datasheet HTML 2Page - Advanced Micro Devices AM79C976 Datasheet HTML 3Page - Advanced Micro Devices AM79C976 Datasheet HTML 4Page - Advanced Micro Devices AM79C976 Datasheet HTML 5Page - Advanced Micro Devices AM79C976 Datasheet HTML 6Page - Advanced Micro Devices AM79C976 Datasheet HTML 7Page - Advanced Micro Devices AM79C976 Datasheet HTML 8Page - Advanced Micro Devices AM79C976 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 309 page
background image
2
Am79C976
8/01/00
P R E L I M INARY
s Dual-speed CSMA/CD (10 Mbps and 100 Mbps)
Media Access Controller (MAC) compliant with
IEEE/ANSI 802.3 and Blue Book Ethernet
standards
s Programmable internal/external loopback
capabilities
s Supports patented External Address Detection
Interface (EADI) with receive frame tagging
support for internetworking applications
s EEPROM interface supports jumperless design
and provides through-chip programming
— Supports full programmability of all internal
registers through EEPROM mapping
s Programmable PHY reset output pin capable of
resetting external PHY without needing
buffering
s Integrated oscillator circuit is controlled by
external crystal
s Extensive programmable LED status support
s Supports up to 16 Mbyte optional Boot PROM or
Flash for diskless node application
s Look-Ahead Packet Processing (LAPP) data
handling technique reduces system overhead
by allowing protocol analysis to begin before
the end of a receive frame
s Optional delayed interrupt feature reduces CPU
overhead
s Programmable Inter Packet Gap (IPG) to
address less aggressive network MAC
controllers
s Offers the Modified Back-Off algorithm to
address the Ethernet Capture Effect
s Optionally sends and receives non-standard
frames of up to 64K octets in length
s IEEE 1149.1-compliant JTAG Boundary Scan
test access port interface for board-level
production connectivity test
s Provides built-in self test (MBIST) for the
external SSRAM
s Software compatible with AMD PCnet Family
and LANCE/C-LANCE register and descriptor
architecture
s Compatible with the existing PCnet Family
driver and diagnostic software (except for
statistics)
s Available in 208-pin PQFP package
s +3.3-V power supply with 5-V tolerant I/Os
enables broad system compatibility
s Support for operation in Industrial temperature
range (-40° C to +85
• C) available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com