Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AM79C976 Datasheet(PDF) 63 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 63 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 59Page - Advanced Micro Devices AM79C976 Datasheet HTML 60Page - Advanced Micro Devices AM79C976 Datasheet HTML 61Page - Advanced Micro Devices AM79C976 Datasheet HTML 62Page - Advanced Micro Devices AM79C976 Datasheet HTML 63Page - Advanced Micro Devices AM79C976 Datasheet HTML 64Page - Advanced Micro Devices AM79C976 Datasheet HTML 65Page - Advanced Micro Devices AM79C976 Datasheet HTML 66Page - Advanced Micro Devices AM79C976 Datasheet HTML 67Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 309 page
background image
8/01/00
Am79C976
63
P R E L I M INARY
Note that in this mode the value of CSR2, bits 15-8, is
used as the upper 8-bits for all memory addresses dur-
ing bus master transfers.
Figure 29 illustrates the relationship between the initial-
ization base address, the initialization block, the re-
ceive and transmit descriptor ring base addresses, the
receive and transmit descriptors, and the receive and
transmit data buffers, when SSIZE32 is set to 1.

)LJXUH  %LW 6RIWZDUH 0RGHO
3ROOLQJ
If there is no network channel activity and there is no
pre- or post-receive or pre- or post-transmit activity
being performed by the Am79C976 controller, then the
Am79C976 controller will periodically poll the current
receive and transmit descriptor entries in order to as-
certain their ownership. If the TXDPOLL bit in CSR4 is
set, then the transmit polling function is disabled. The
Descriptor Management Unit (DMU) is responsible for
these operations.
The Am79C976 controller stores internally the informa-
tion from two or more receive descriptors and two or
more transmit descriptors. Polling operations depend
on the ownership of the current and next receive and
transmit descriptors.
When the poll time has elapsed, if the current receive
descriptor is not owned by the Am79C976 controller or
if the current receive descriptor is owned and the next
receive descriptor is not owned, the unowned descrip-
tor will be polled. Depending on the software style,
more than one descriptor may be read in a burst.
If the TXDPOLL bit is not set and the poll time has
elapsed, or whenever the TDMD bit is set, if the current
transmit descriptor is not owned by the Am79C976
controller, it will be polled. Depending on the software
style, more than one descriptor may be read in a burst.
If either transmit or receive or both are suspended or
disabled due to the setting of TX_SPND, RX_SPND,
SPND, DRX or DTX, the corresponding descriptors will
not be polled. Polling is not affected by fast suspend.
Initialization
Block
CSR1
CSR2
RMD0
RMD1
RMD2 RMD3
Rcv Descriptor
Ring
N
N
N
N
•
•
•
1st
desc.
start
2nd
desc.
start
RMD0
TMD0
TMD1 TMD2 TMD3
Xmt Descriptor
Ring
M
M
M
M
•
•
•
1st
desc.
start
2nd
desc.
start
TMD0
Data
Buffer
N
Data
Buffer
1
Data
Buffer
2
Data
Buffer
M
Data
Buffer
2
Data
Buffer
1
PADR[31:0]
IADR[31:16]
IADR[15:0]
TLE RES RLE RES
MODE
PADR[47:32]
RES
LADRF[31:0]
LADRF[63:32]
RDRA[31:0]
TDRA[31:0]
Rcv
Buffers
Xmt
Buffers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com