Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS5130 Datasheet(PDF) 8 Page - ams AG

Part # AS5130
Description  8-Bit Programmable Magnetic Rotary Encoder with Motion Detection Multiturn
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5130 Datasheet(HTML) 8 Page - ams AG

Back Button AS5130_07 Datasheet HTML 4Page - ams AG AS5130_07 Datasheet HTML 5Page - ams AG AS5130_07 Datasheet HTML 6Page - ams AG AS5130_07 Datasheet HTML 7Page - ams AG AS5130_07 Datasheet HTML 8Page - ams AG AS5130_07 Datasheet HTML 9Page - ams AG AS5130_07 Datasheet HTML 10Page - ams AG AS5130_07 Datasheet HTML 11Page - ams AG AS5130_07 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
www.austriamicrosystems.com/AS5130
Revision 1.12
7 - 41
AS5130
Datasheet - Electrical Character i s t ics
VOH
High level Output voltage
VDD -
0.5
V
VOL
Low level Output Voltage
VSS +
0.4
V
CL
Capacitive Load
35
pF
tslew
Slew Rate
External capacitive load C_L = 35pF
External series resistance R = 0
Ω
Junction temperature TJ = 136ºC
Rise time of the internal driver t_rise = 3ns
Fall time of the internal driver t_fall = 3ns
30
ns
tdelay
Time Rise Fall
15
ns
Vout_wake up
Wake up output
Open drain output with tri-state behavior
5
V
Programming Parameters
VPROG
Programming Voltage
Static voltage at pin PROG
8.0
8.5
V
IPROG
Programming Current
100
mA
TambPROG
Programming ambient temperature
During programming
0
85
ºC
tPROG
Programming time
Timing is internally generated
2
4
µs
VR,prog
Analog readback voltage
During Analog Readback mode at pin
PROG
0.5
V
VR,unprog
2.2
3.5
WakeLSB
Angle difference threshold for wake up
generation
Factory setting is 4 LSB, value is accessible
by SSI in buffered register and can be
changed by customer.
0
127
LSB
8-bit PWM output
NPWM
PWM resolution
8bit
PWMIN
PWM pulse width
Angle = 0º (00H)
0.71
0.55
0.43
µs
PWMAX
PWM pulse width
Angle = 358.6º (FFH)
182.88
142.24
108.48
µs
PWP
PWM Period
Over full temperature range
183.6
142.8
108.9
µs
fPWM
PWM Frequency
=1 / PWM period
5.44
7
9.18
kHz
Hyst
Digital hysteresis
At change of rotation direction
1
bit
Serial 8-bit Output
fCLK
Clock Frequency
Normal operation
6MHz
tCLK
166.6
ns
fCLK, P
Clock Frequency
During OTP programming
250
500
kHz
Table 3. Electrical Characteristics (Continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com