Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS8515 Datasheet(PDF) 7 Page - ams AG

Part # AS8515
Description  Data Acquisition System with Power Management and LIN Transceiver for 12V Battery Sensor Applications
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8515 Datasheet(HTML) 7 Page - ams AG

Back Button AS8515 Datasheet HTML 3Page - ams AG AS8515 Datasheet HTML 4Page - ams AG AS8515 Datasheet HTML 5Page - ams AG AS8515 Datasheet HTML 6Page - ams AG AS8515 Datasheet HTML 7Page - ams AG AS8515 Datasheet HTML 8Page - ams AG AS8515 Datasheet HTML 9Page - ams AG AS8515 Datasheet HTML 10Page - ams AG AS8515 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 65 page
background image
www.ams.com
Revision 0.7
7 - 65
AS8515
Datasheet - Absolute Maximum Rat i ngs
5 Absolute Maximum Ratings
Stresses beyond those listed in Table 2 may cause permanent damage to the device. These are stress ratings only, and functional operation of
the device at these or any other conditions beyond those indicated in Electrical Characteristics on page 8 is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Table 2. Absolute Maximum Ratings
Symbol
Parameter
Min
Typ
Max
Units
Comments
Electrical Parameters
VSUP
Supply voltages
-0.3
42
V
VSENSE
Battery voltage inputs
-27
42
V
AVDD,
DVDD
DC supply voltage
-0.3
5
V
EN
Enable input
-0.3
42
V
VCC
Regulated output supplies
-0.3
5
V
VCC generated by
Top die must not be larger
than 5V on board level as it has to be
connected with
Bottom die AVDD and AVCC
LIN
LIN bus
-27
40
V
Analog & digital inputs and outputs
-0.3
5
V
Input current (latch-up immunity)
-100
100
mA
Norm: AEC-Q100-004
Electrostatic Discharge
ESD
Electrostatic discharge
Norm: AEC-Q100-002
±6
kV
LIN, VSS
±4
kV
VSUP, VSENSE
±2
kV
All other pins
Continuous Power Dissipation
Ptot
1
1. Total power dissipation cannot exceed 0.375W to avoid increase in junction temperature, i.e. greater than 130ºC. VCC LDO can supply
current externally, which is not greater than 17mA at 18V VSUP and 20mA at 16V VSUP.
Total operating power dissipation
(all supplies and outputs)
0.375
W
MLF-32 in still air, soldered on JEDEC
standard board @125º ambient,
static operation = no time limit
Temperature Ranges and Storage Conditions
RΘ
Package thermal resistance
34
40
ºC/W
Tstg
Storage temperature
-55
150
ºC
TJ
Junction temperature
130
ºC
TBODY
Package body temperature
260
ºC
The reflow peak soldering temperature (body
temperature) specified is in accordance with
IPC/JEDEC J-STD-020 “Moisture/Reflow
Sensitivity Classification for Non-Hermetic
Solid State Surface Mount Devices”.
The lead finish for Pb-free leaded packages is
matte tin (100% Sn).
Humidity non-condensing
5
85
%
MSL
Moisture Sensitive Level
3
Represents a maximum floor time of 168h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com