Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS8515 Datasheet(PDF) 1 Page - ams AG

Part # AS8515
Description  Data Acquisition System with Power Management and LIN Transceiver for 12V Battery Sensor Applications
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8515 Datasheet(HTML) 1 Page - ams AG

  AS8515 Datasheet HTML 1Page - ams AG AS8515 Datasheet HTML 2Page - ams AG AS8515 Datasheet HTML 3Page - ams AG AS8515 Datasheet HTML 4Page - ams AG AS8515 Datasheet HTML 5Page - ams AG AS8515 Datasheet HTML 6Page - ams AG AS8515 Datasheet HTML 7Page - ams AG AS8515 Datasheet HTML 8Page - ams AG AS8515 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 65 page
background image
AS8515
Data Acquisition System with Power Management and LIN Transceiver
for 12V Battery Sensor Applications
www.ams.com
Revision 0.7
1 - 65
1 General Description
The AS8515 is designed for simultaneous measurement of shunt
current sensor signal and battery voltage by two independent ADC
channels. Both channels can measure small signals up to ±219 mV
versus ground through programmable gain amplifier or larger signals
in the 1V range without amplifier. After analog to digital conversion
and digital filtering, the resulting digital values are accessible through
4-wire serial interface. The device is powered directly from the
battery through LDO and provides a 3.3V supply for an external
microcontroller. For communication with the next level ECU, the
device offers a LIN 2.1 transceiver. Measurement of battery voltage
is supported through resistive attenuator with disable for power
saving in standby.
The device is a stacked die system providing a high voltage CMOS
IC for power management and transceiver functions as a
Top die
and low voltage sensor interface functions as a
Bottom die inside
a 32-pin MLF (5x5 mm) package.
2 Key Features

A precision voltage attenuator with power down facility

LIN 2.1 transceiver

Power-On Reset with programmable reset timeout and brown-
out detection through factory setting

A window Watchdog function in the normal mode and a timeout
Watchdog in the device standby mode as a factory option

Load dump protection (42V) for all battery supplied pins and
Enable pin

Internal reverse polarity protection (up to -27V) for all battery-
sensing pins, and LIN bus pin

Over temperature warning & shutdown functions

Two independent high resolution A/D converters with
programmable over sampling ratio

Programmable sampling rate up to 4kHz throughput

Programmable gain, low noise amplifier for current channel with
gain stages 5, 25, 40, 100

Internal temperature sensor

Synchronous acquisition for both ADC channels

Reference-voltage source (high precision and high stability)

Offset auto zero architecture on both channels

Current monitoring comparator with interrupt signal generation
and µC clock enable. Timer with 2 related outputs for single
shot sampling of current and voltage channel in low power
mode.

Precision on chip RC oscillator or external clock. Low slew, low
EMC clock output which can be used by external
microcontroller which is enabled respectively disabled by mode
control through SPI and interrupt from current monitor in low
power mode.
The integrated circuit can execute measurements with internal and
external sensors and sources for the voltage channel and with
external sensor for the current channel.
External Sensors:

Current measurement via Shunt resistor (4 ranges)

Battery voltage (internal voltage divider to battery)

ETR and ETS for external temperature sensor (with switchable
current source)
Internal Sensors:

On chip temperature sensor

Internal current sources for functional test of measurement path
and the connection of shunt resistor
3 Applications
The AS8515 is suitable for battery sensors, having shunt current
sensor at minus pole. For lead acid, Li-Ion batteries up to 18V
nominal, 42V over voltage capability.
The device is also ideal as a general purpose sensor interface for
automotive LIN slaves.


Similar Part No. - AS8515

ManufacturerPart #DatasheetDescription
logo
ams AG
AS8510 AMSCO-AS8510 Datasheet
1Mb / 46P
Data Acquisition Device for Battery Sensors
AS8510 AMSCO-AS8510 Datasheet
482Kb / 47P
Data Acquisition Device for Battery Sensors
AS8510-ASSM AMSCO-AS8510-ASSM Datasheet
482Kb / 47P
Data Acquisition Device for Battery Sensors
AS8510-ASSP AMSCO-AS8510-ASSP Datasheet
482Kb / 47P
Data Acquisition Device for Battery Sensors
AS8510 AMSCO-AS8510_10 Datasheet
482Kb / 47P
Data Acquisition Device for Battery Sensors
More results

Similar Description - AS8515

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8144-10 WOLFSON-WM8144-10 Datasheet
395Kb / 27P
Integrated 10-bit Data Acquisition system for Imaging Applications
WM8144-12 WOLFSON-WM8144-12 Datasheet
351Kb / 27P
Integrated 12-bit Data Acquisition System for Imaging Applications
logo
Motorola, Inc
MC33689 MOTOROLA-MC33689 Datasheet
229Kb / 18P
System Basis Chip with LIN transceiver
logo
Freescale Semiconductor...
33689D FREESCALE-33689D Datasheet
490Kb / 31P
System Basis Chip with LIN Transceiver
logo
ams AG
AS8510 AMSCO-AS8510 Datasheet
1Mb / 46P
Data Acquisition Device for Battery Sensors
AS8510 AMSCO-AS8510_10 Datasheet
482Kb / 47P
Data Acquisition Device for Battery Sensors
logo
ATMEL Corporation
ATA664151 ATMEL-ATA664151_14 Datasheet
1Mb / 50P
LIN System Basis Chip with LIN Transceiver
logo
NXP Semiconductors
MM9Z1 NXP-MM9Z1 Datasheet
5Mb / 452P
Intelligent battery sensor with CAN and LIN
Rev. 5.0, 11/2016
logo
Ultralife Corporation.
URS0010 ULTRALIFE-URS0010 Datasheet
776Kb / 3P
Battery Management Power System
Rev: B
logo
NXP Semiconductors
MC33689 NXP-MC33689 Datasheet
890Kb / 31P
System Basis Chip with LIN Transceiver
Rev. 8.0, 9/2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com