Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS8515 Datasheet(PDF) 10 Page - ams AG

Part # AS8515
Description  Data Acquisition System with Power Management and LIN Transceiver for 12V Battery Sensor Applications
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8515 Datasheet(HTML) 10 Page - ams AG

Back Button AS8515 Datasheet HTML 6Page - ams AG AS8515 Datasheet HTML 7Page - ams AG AS8515 Datasheet HTML 8Page - ams AG AS8515 Datasheet HTML 9Page - ams AG AS8515 Datasheet HTML 10Page - ams AG AS8515 Datasheet HTML 11Page - ams AG AS8515 Datasheet HTML 12Page - ams AG AS8515 Datasheet HTML 13Page - ams AG AS8515 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 65 page
background image
www.ams.com
Revision 0.7
10 - 65
AS8515
Datasheet - Electrical Characteri st ics
MEN Output.
Rx Output.
RESET Output.
6.3 System Specifications
Note:
Stand by mode power consumption is sum of stop mode power consumption and average of normal mode power consumption over a
period of 2s (NOM1 time of device is low in Standby mode).
Table 11. MEN
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VOH
High level output voltage
2.5
V
VOL
Low level output voltage
0.4
V
IO
Output current
2
mA
Table 12. Rx
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VOH
High level output voltage
VCC-0.5
V
VOL
Low level output voltage
VSS+0.4
V
IO
Output Current
1
mA
Ipu_reset
Pull-up current
Pulled down to VSS
-30
-100
µA
Table 13. RESET
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VOH
High level output voltage
2.5
V
VOL
Low level output voltage
0.4
V
IO
Output current
Open Drain Pull-down
8
mA
Table 14. System Specifications
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Ivsupnom
Current consumption in normal mode
No load on VCC, LIN bus in dominant
state
7mA
Ivsupstdby
Current consumption standby
No load on VCC,
LIN bus in recessive state
80
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com