Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SP43602 Datasheet(PDF) 2 Page - SIPAT Co,Ltd

Part # SP43602
Description  50 廓 RF Digital Attenuator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SP43602 Datasheet(HTML) 2 Page - SIPAT Co,Ltd

  SP43602 Datasheet HTML 1Page - SIPAT Co,Ltd SP43602 Datasheet HTML 2Page - SIPAT Co,Ltd SP43602 Datasheet HTML 3Page - SIPAT Co,Ltd SP43602 Datasheet HTML 4Page - SIPAT Co,Ltd SP43602 Datasheet HTML 5Page - SIPAT Co,Ltd SP43602 Datasheet HTML 6Page - SIPAT Co,Ltd SP43602 Datasheet HTML 7Page - SIPAT Co,Ltd SP43602 Datasheet HTML 8Page - SIPAT Co,Ltd SP43602 Datasheet HTML 9Page - SIPAT Co,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SP43602
SP43602
50 Ω RF Digital Attenuator
Tel: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com Page 2 of 10
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
0
4
8
121620
242832
Attenuation Setting (dB)
200MHz
900MHz
1800MHz
2200MHz
3000MHz
4000MHz
5000MHz
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
0
1000
2000
3000
4000
5000
Frequency (MHz)
0.5dB State
1dB State
2dB State
4dB State
8dB State
16dB State
31.5dB State
5
1015
20
2530
035
5
10
15
20
25
30
0
35
Attenuation State
PE43602 Attenuation
900 MHz
1800 MHz
2200 MHz
3800 MHz
5000 MHz
-0.5
0
0.5
1
0
4
8
121620242832
Attenuation Setting (dB)
200MHz
900MHz
1800MHz
2200MHz
3000MHz
4000MHz
5000MHz
Table 1. Electrical Specifications @ +25°C, VDD = 3.3 V or 5.0 V
Parameter
Test Conditions
Frequency
Min
Typical
Max
Units
Frequency Range
9 kHz
5 GHz
Attenuation Range
0.5 dB Step
0 – 31.5
dB
Insertion Loss
9 kHz ≤ 5 GHz
2.2
2.7
dB
Attenuation Error
0 dB - 31.5 dB Attenuation settings
0 dB - 31.5 dB Attenuation settings
0 dB - 31.5 dB Attenuation settings
9 kHz < 4 GHz
4 GHz ≤ 5 GHz
4 GHz ≤ 5 GHz
±(0.3 + 3%)
+0.4 + 5%
-0.3 - 3%
dB
dB
dB
Return Loss
9 kHz - 5 GHz
18
dB
Relative Phase
All States
9 kHz - 5 GHz
55
deg
P1dB (note 1)
Input
20 MHz - 5 GHz
30
32
dBm
IIP3
Two tones at +18 dBm, 20 MHz spacing
20 MHz - 5 GHz
58
dBm
Typical Spurious Value
1 MHz
-110
dBm
Video Feed Through
10
mVpp
Switching Time
50% DC CTRL to 10% / 90% RF
650
ns
RF Trise/Tfall
10% / 90% RF
400
ns
Settling Time
RF settled to within 0.05 dB of final value
RBW = 5 MHz, Averaging ON.
4
µs
Performance Plots
*Monotonicity is held so long as Step-Error does not cross below -0.5
Figure 3. 0.5dB Step Error vs. Frequency*
Figure 5. 0.5dB Major State Bit Error
Figure 6. 0.5dB Attenuation Error vs. Frequency
Figure 4. 1dB Attenuation vs. Attenuation State
Note 1. Please note Maximum Operating Pin (50Ω) of +23dBm as shown in Table 3.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com