Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SP43602 Datasheet(PDF) 6 Page - SIPAT Co,Ltd

Part # SP43602
Description  50 廓 RF Digital Attenuator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SP43602 Datasheet(HTML) 6 Page - SIPAT Co,Ltd

Back Button SP43602 Datasheet HTML 2Page - SIPAT Co,Ltd SP43602 Datasheet HTML 3Page - SIPAT Co,Ltd SP43602 Datasheet HTML 4Page - SIPAT Co,Ltd SP43602 Datasheet HTML 5Page - SIPAT Co,Ltd SP43602 Datasheet HTML 6Page - SIPAT Co,Ltd SP43602 Datasheet HTML 7Page - SIPAT Co,Ltd SP43602 Datasheet HTML 8Page - SIPAT Co,Ltd SP43602 Datasheet HTML 9Page - SIPAT Co,Ltd SP43602 Datasheet HTML 10Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
SP43602
SP43602
50 Ω RF Digital Attenuator
Tel: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com Page 6 of 10
Programming Options
Parallel/Serial Selection
Either a parallel or serial interface can be used to control
the SP43602. The
bit provides this selection, with
=LOW selecting the parallel interface and
=HIGH selecting the serial interface.
Parallel Mode Interface
The parallel interface consists of six CMOS-compatible
control lines that select the desired attenuation state, as
shown in Table 7.
The parallel interface timing requirements are defined by
Fig. 16 (Parallel Interface Timing Diagram), Table 11
(Parallel Interface AC Characteristics), and switching
speed (Table 1).
For latched-parallel programming the Latch Enable (LE)
should be held LOW while changing attenuation state
control values, then pulse LE HIGH to LOW (per Fig. 16)
to latch new attenuation state into device.
For direct parallel programming, the Latch Enable (LE)
line should be pulled HIGH. Changing attenuation state
control values will change device state to new attenuation.
Direct Mode is ideal for manual control of the device
(using hardwire, switches, or jumpers).
Serial Interface
The serial interface is a 8-bit serial-in, parallel-out shift
register buffered by a transparent latch. The 8-bits make
up the Attenuation Word that controls the DSA. Fig. 15
illustrates a example timing diagram for programming a
state.
The serial-interface is controlled using three CMOS-
compatible signals: Serial-In (SI), Clock (CLK), and
Latch Enable (LE). The SI and CLK inputs allow data to
be serially entered into the shift register. Serial data is
clocked in LSB first.
The shift register must be loaded while LE is held LOW
to prevent the attenuator value from changing as data is
entered. The LE input should then be toggled HIGH and
brought LOW again, latching the new data into the DSA.
Attenuation Word truth table is listed in Table 8. A
programming example of the serial register is illustrated
in Table 9. The serial timing diagram is illustrated in Fig.
15. It is required that all parallel pins be grounded when
the DSA is used in serial mode.
Power-up Control Settings
The SP4602 will always initialize to the maximum
attenuation setting (31.5 dB) on power-up for both the
serial and latched-parallel modes of operation and will
remain in this setting until the user latches in the next
programming word. In direct-parallel mode, the DSA can
be preset to any state within the 31.5 dB range by pre-
setting the parallel control pins prior to power-up. In this
mode, there is a 400-µs delay between the time the DSA
is powered-up to the time the desired state is set. During
this power-up delay, the device attenuates to the
maximum attenuation setting (31.5 dB) before defaulting
to the user defined state. If the control pins are left
floating in this mode during power-up, the device will
default to the minimum attenuation setting (insertion loss
state).
Dynamic operation between serial and parallel
programming modes is possible.
If the DSA powers up in serial mode (
= HIGH),
all the parallel control inputs DI[6:1] must be set to logic
low. Prior to toggling to parallel mode, the DSA must be
programmed serially to ensure D[7] is set to logic low.
If the DSA powers up in either latched or direct-parallel
mode, all parallel pins DI[6:1] must be set to logic low
prior to toggling to serial mode (
= HIGH), and
held low until the DSA has been programmed serially to
ensure bit D[7] is set to logic low.
The sequencing is only required once on power-up. Once
completed, the DSA may be toggled between serial and
parallel programming modes at will.
S
P /
S
P /
S
P /
S
P /
S
P /



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com