Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SP43602 Datasheet(PDF) 4 Page - SIPAT Co,Ltd

Part # SP43602
Description  50 廓 RF Digital Attenuator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SP43602 Datasheet(HTML) 4 Page - SIPAT Co,Ltd

  SP43602 Datasheet HTML 1Page - SIPAT Co,Ltd SP43602 Datasheet HTML 2Page - SIPAT Co,Ltd SP43602 Datasheet HTML 3Page - SIPAT Co,Ltd SP43602 Datasheet HTML 4Page - SIPAT Co,Ltd SP43602 Datasheet HTML 5Page - SIPAT Co,Ltd SP43602 Datasheet HTML 6Page - SIPAT Co,Ltd SP43602 Datasheet HTML 7Page - SIPAT Co,Ltd SP43602 Datasheet HTML 8Page - SIPAT Co,Ltd SP43602 Datasheet HTML 9Page - SIPAT Co,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SP43602
SP43602
50 Ω RF Digital Attenuator
Tel: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com Page 4 of 10
0
5
10
15
20
25
30
1.0E+03 1.0E+04
1.0E+05 1.0E+06 1.0E+07
1.0E+08 1.0E+09
Hz
Exposed
Solder
Pad
GND
VDD
P/S
GND
GND
LE
CLK
SI
RF1
18
17
16
15
14
13
2
3
4
5
6
1
RF2
GND
GND
Figure 13. Pin Configuration (Top View)
Table 2. Pin Descriptions
Pin No.
Pin Name
Description
1
GND
Ground
2
VDD
Power supply pin
3
Serial/Parallel mode select
4
GND
Ground
5
RF1
RF1 port
6 - 13
GND
Ground
14
RF2
RF2 port
15
GND
Ground
16
LE
Serial interface Latch Enable input
17
CLK
Serial interface Clock input
18
SI
Serial interface Data input
19
C16 (D6)
Parallel control bit, 16 dB
20
C8 (D5)
Parallel control bit, 8 dB
21
C4 (D4)
Parallel control bit, 4 dB
22
C2 (D3)
Parallel control bit, 2 dB
23
C1 (D2)
Parallel control bit, 1 dB
24
C0.5 (D1)
Parallel control bit, 0.5 dB
Paddle
GND
Ground for proper operation
Electrostatic Discharge (ESD) Precautions
When handling this Silicon-on-Sapphire device, observe the
same precautions that you would use with other ESD-
sensitive devices. Although this device contains circuitry to
protect it from damage due to ESD, precautions should be
taken to avoid exceeding the specified rating.
Exposed Solder Pad Connection
The exposed solder pad on the bottom of the package must
be grounded for proper device operation.
Latch-Up Avoidance
Unlike conventional CMOS devices, Silicon-on-Sapphire
devices are immune to latch-up.
Switching Frequency
The SP43602 has a maximum 25 kHz switching rate.
Switching rate is defined to be the speed at which the DSA
can be toggled across attenuation states.
Exceeding absolute maximum ratings may cause permanent
damage. Operation should be restricted to the limits in the
Operating Ranges table. Operation between operating range
maximum and absolute maximum for extended periods may
reduce reliability.
Moisture Sensitivity Level
The Moisture Sensitivity Level rating for the SP43602 in the
24-lead 4x4 QFN package is MSL1.
Note: 1. Human Body Model (HBM, MIL_STD 883 Method 3015.7)
Figure 14. Maximum Power Handling Capability
Table 3. Operating Ranges
Table 4. Absolute Maximum Ratings
Symbol
Parameter/Conditions
Min
Max
Units
VDD
Power supply voltage
-0.3
6.0
V
VI
Voltage on any Digital input
-0.3
5.8
V
TST
Storage temperature range
-65
150
°C
PIN
Input power (50Ω)
9 kHz ≤ 20 MHz
20 MHz ≤ 5 GHz
Fig. 14
+23
dBm
dBm
VESD
ESD voltage (HBM)1
ESD voltage (Machine Model)
500
100
V
V
Parameter
Min
Typ
Max
Units
VDD Power Supply Voltage
3.0
3.3
V
IDD Power Supply Current
70
350
μA
Digital Input High
2.6
5.5
V
PIN Input power (50Ω):
9 KHz ≤ 20 MHz
20 MHz ≤ 5 GHz
Fig. 14
+23
dBm
dBm
TOP Operating temperature range
-40
25
85
°C
Digital Input Low
0
1
V
Digital Input Leakage1
15
μA
VDD Power Supply Voltage
5.0
5.5
V
Note 1. Input leakage current per Control pin
Note: Ground C0.5, C1, C2, C4, C8, C16 if not in use.
S
P /



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com