Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2SC5180 Datasheet(PDF) 5 Page - NEC

Part # 2SC5180
Description  NPN EPITAXIAL SILICON TRANSISTOR IN SUPER MINI-MOLD PACKAGE FOR LOW-NOISE MICROWAVE AMPLIFICATION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5180 Datasheet(HTML) 5 Page - NEC

  2SC5180 Datasheet HTML 1Page - NEC 2SC5180 Datasheet HTML 2Page - NEC 2SC5180 Datasheet HTML 3Page - NEC 2SC5180 Datasheet HTML 4Page - NEC 2SC5180 Datasheet HTML 5Page - NEC 2SC5180 Datasheet HTML 6Page - NEC 2SC5180 Datasheet HTML 7Page - NEC 2SC5180 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
2SC5180
S–PARAMETER
VCE = 1 V, IC = 1 mA, ZO = 50
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
600.00
0.916
–28.0
3.247
147.1
0.074
65.6
0.960
–21.2
800.00
0.816
–36.9
3.092
136.2
0.111
58.6
0.887
–26.2
1000.00
0.741
–47.1
2.929
125.5
0.140
54.4
0.810
–32.8
1200.00
0.691
–55.8
2.864
116.5
0.158
52.2
0.788
–39.3
1400.00
0.628
–63.3
2.762
109.6
0.179
48.2
0.744
–44.5
1600.00
0.558
–72.3
2.590
100.9
0.195
44.8
0.692
–49.2
1800.00
0.508
–80.9
2.505
93.4
0.199
43.7
0.647
–54.7
2000.00
0.444
–87.8
2.293
88.1
0.196
39.5
0.602
–58.2
2200.00
0.386
–94.3
2.111
81.8
0.201
35.8
0.575
–61.2
VCE = 1 V, IC = 3 mA, ZO = 50
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
600.00
0.694
–43.6
6.614
129.7
0.063
57.9
0.819
–30.4
800.00
0.557
–54.5
5.730
117.1
0.090
54.4
0.707
–35.6
1000.00
0.463
–63.1
5.054
106.4
0.113
52.6
0.609
–41.1
1200.00
0.394
–70.7
4.628
99.0
0.125
54.2
0.575
–45.5
1400.00
0.325
–78.9
4.123
92.2
0.143
52.5
0.526
–48.8
1600.00
0.269
–88.2
3.744
84.3
0.157
51.5
0.478
–52.5
1800.00
0.226
–96.9
3.488
79.4
0.160
52.5
0.441
–57.0
2000.00
0.181
–103.5
3.085
75.5
0.166
50.8
0.412
–57.9
2200.00
0.146
–111.9
2.776
70.5
0.174
48.1
0.401
–60.0
VCE = 1 V, IC = 5 mA, ZO = 50
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
600.00
0.556
–51.5
7.925
120.8
0.055
57.5
0.729
–33.5
800.00
0.430
–61.6
6.573
108.7
0.083
55.0
0.614
–37.4
1000.00
0.338
–68.2
5.644
98.8
0.102
54.0
0.527
–41.0
1200.00
0.271
–75.3
5.047
92.4
0.117
57.7
0.498
–44.6
1400.00
0.217
–84.1
4.409
86.0
0.133
56.5
0.451
–47.5
1600.00
0.171
–94.6
3.985
78.8
0.148
55.9
0.414
–50.0
1800.00
0.137
–104.4
3.674
74.9
0.155
57.4
0.382
–53.9
2000.00
0.100
–114.7
3.229
71.4
0.162
55.7
0.361
–55.0
2200.00
0.079
–125.3
2.897
66.9
0.173
53.0
0.357
–57.2
VCE = 1 V, IC = 7 mA, ZO = 50
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
600.00
0.455
–57.2
8.518
114.4
0.051
56.0
0.657
–34.1
800.00
0.335
–67.4
6.873
103.1
0.075
55.1
0.557
–36.6
1000.00
0.252
–73.2
5.825
93.9
0.095
56.7
0.480
–39.2
1200.00
0.194
–80.5
5.131
88.3
0.113
59.7
0.453
–41.8
1400.00
0.148
–91.1
4.447
82.0
0.129
58.7
0.417
–44.6
1600.00
0.114
–105.9
4.018
75.3
0.145
58.7
0.385
–46.8
1800.00
0.087
–119.5
3.682
71.9
0.152
60.6
0.357
–50.6
2000.00
0.062
–140.8
3.230
68.6
0.161
58.1
0.341
–51.5
2200.00
0.051
–160.7
2.893
64.4
0.170
55.7
0.342
–54.0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com