Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2SC5180 Datasheet(PDF) 6 Page - NEC

Part # 2SC5180
Description  NPN EPITAXIAL SILICON TRANSISTOR IN SUPER MINI-MOLD PACKAGE FOR LOW-NOISE MICROWAVE AMPLIFICATION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5180 Datasheet(HTML) 6 Page - NEC

  2SC5180 Datasheet HTML 1Page - NEC 2SC5180 Datasheet HTML 2Page - NEC 2SC5180 Datasheet HTML 3Page - NEC 2SC5180 Datasheet HTML 4Page - NEC 2SC5180 Datasheet HTML 5Page - NEC 2SC5180 Datasheet HTML 6Page - NEC 2SC5180 Datasheet HTML 7Page - NEC 2SC5180 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
2SC5180
VCE = 1 V, IC = 10 mA, ZO = 50
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
600.00
0.359
–65.9
8.500
108.9
0.048
54.8
0.603
–33.1
800.00
0.255
–78.2
6.731
98.1
0.071
56.3
0.516
–34.4
1000.00
0.177
–83.8
5.648
89.6
0.090
56.8
0.449
–35.9
1200.00
0.127
–96.6
4.927
84.4
0.109
61.7
0.431
–38.2
1400.00
0.098
–115.6
4.251
78.2
0.125
61.4
0.400
–40.5
1600.00
0.081
–141.9
3.839
71.9
0.143
61.2
0.377
–42.8
1800.00
0.072
–162.7
3.504
68.8
0.150
62.1
0.351
–46.1
2000.00
0.070
170.9
3.072
65.8
0.157
60.3
0.338
–47.5
2200.00
0.074
157.1
2.748
61.5
0.167
57.2
0.342
–50.4
VCE = 2 V, IC = 1 mA, ZO = 50
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
600.00
0.927
–26.3
3.263
148.6
0.065
64.5
0.968
–19.5
800.00
0.827
–34.2
3.122
138.1
0.101
59.7
0.903
–24.1
1000.00
0.758
–43.7
2.962
127.7
0.129
54.9
0.828
–30.3
1200.00
0.712
–52.2
2.910
118.9
0.146
54.2
0.808
–36.5
1400.00
0.653
–59.1
2.825
112.3
0.165
50.6
0.769
–41.3
1600.00
0.581
–67.5
2.657
103.8
0.181
47.3
0.723
–46.0
1800.00
0.530
–75.7
2.578
96.3
0.185
46.0
0.673
–51.3
2000.00
0.469
–82.1
2.368
91.0
0.184
41.5
0.630
–54.7
2200.00
0.410
–87.5
2.184
84.7
0.188
38.2
0.607
–57.4
VCE = 2 V, IC = 3 mA, ZO = 50
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
600.00
0.727
–39.7
6.761
131.7
0.057
58.1
0.841
–27.8
800.00
0.587
–49.7
5.910
119.4
0.084
55.8
0.737
–32.4
1000.00
0.490
–57.4
5.229
108.8
0.104
54.2
0.645
–37.5
1200.00
0.425
–64.5
4.812
101.3
0.120
55.7
0.608
–41.8
1400.00
0.354
–70.8
4.314
94.8
0.135
55.3
0.562
–45.1
1600.00
0.295
–78.5
3.919
86.9
0.148
54.1
0.517
–48.3
1800.00
0.251
–85.1
3.662
81.8
0.151
54.8
0.478
–52.4
2000.00
0.203
–89.4
3.243
77.9
0.156
52.9
0.449
–53.6
2200.00
0.167
–93.9
2.924
73.0
0.164
50.9
0.441
–55.6
VCE = 2 V, IC = 5 mA, ZO = 50
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
600.00
0.592
–46.3
8.189
122.9
0.052
59.4
0.763
–30.6
800.00
0.457
–55.1
6.849
110.9
0.074
56.6
0.655
–33.8
1000.00
0.369
–60.0
5.900
101.1
0.096
54.1
0.564
–37.6
1200.00
0.305
–66.2
5.303
94.7
0.111
58.0
0.533
–40.7
1400.00
0.249
–72.3
4.651
88.4
0.126
58.2
0.495
–43.3
1600.00
0.198
–79.2
4.202
81.2
0.139
58.2
0.460
–45.6
1800.00
0.160
–85.2
3.888
77.2
0.146
59.2
0.425
–59.3
2000.00
0.121
–89.1
3.419
73.8
0.151
57.5
0.404
–50.4
2200.00
0.096
–92.3
3.069
69.3
0.161
54.4
0.403
–52.2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com