Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

NRCAS Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NRCAS
Description  Sulfur Resistant Thick Film Chip Resistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRCAS Datasheet(HTML) 2 Page - NIC-Components Corp.

  NRCAS Datasheet HTML 1Page - NIC-Components Corp. NRCAS Datasheet HTML 2Page - NIC-Components Corp. NRCAS Datasheet HTML 3Page - NIC-Components Corp. NRCAS Datasheet HTML 4Page - NIC-Components Corp. NRCAS Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
DIMENSIONS (mm)
Type
EIA
Size
L
W
H
T
t
NRC-AS02
0201 0.60 ± 0.03 0.30 ± 0.03 0.23 ± 0.03 0.15 ± 0.05 0.15 ± 0.05
NRC-AS04
0402 1.00 ± 0.05 0.50 ± 0.05 0.35 ± 0.05 0.20 ± 0.10 0.20 ± 0.10
NRC-AS06
0603 1.60 ± 0.10 0.80 ± 0.10 0.45 ± 0.10 0.30 ± 0.20 0.30 ± 0.20
NRC-AS10
0805 2.00 ± 0.10 1.25 ± 0.10 0.50 ± 0.10 0.35 ± 0.20 0.40 ± 0.20
NRC-AS12
1206 3.10 ± 0.10 1.55 ± 0.10 0.55 ± 0.10 0.50 ± 0.25 0.50 ± 0.20
NRC-AS25
1210 3.10 ± 0.10 2.60 ± 0.15 0.55 ± 0.10 0.50 ± 0.25 0.50 ± 0.20
NRC-AS50
2010 5.00 ± 0.10 2.50 ± 0.15 0.55 ± 0.10 0.60 ± 0.25 0.50 ± 0.20
NRC-AS100 2512 6.35 ± 0.10 3.10 ± 0.15 0.55 ± 0.10 0.60 ± 0.25 0.50 ± 0.20
Sulfur Resistant Thick Film Chip Resistors
NRC-AS Series
PART NUMBER SYSTEM (E-24 VALUES)
NRC-AS 12 J 103 TR F
RoHS compliant
Tape & Reel Packaging
Resistance Code: First 2 figures are significant,
3rd digit is the multiplier, “R”
indicates a decimal point.
Tolerance Code: J = ±5%
Case Size
Series
PART NUMBER SYSTEM (E-24 VALUES)
NRC-AS 12 J 103 TR QY F
RoHS compliant
Tape & Reel Packaging
Resistance Code: First 2 figures are significant,
3rd digit is the multiplier, “R”
indicates a decimal point.
Tolerance Code: J = ±5%
Case Size
Series
"QY" denotes optional AEC Q-200 qualified parts suitable for
automotive equipment, sourced to special production and inspection
at TS-16949 certified production site
PART NUMBER SYSTEM (E-96 VALUES)
NRC-AS 12 F 1002 TR F
RoHS compliant
Tape & Reel Packaging
Resistance Code: First 2 figures are significant,
3rd digit is the multiplier, “R”
indicates a decimal point.
Tolerance Code: F = ±1%
Case Size
Series
PART NUMBER SYSTEM - STANDARD PARTS
PART NUMBER SYSTEM - AUTOMOTIVE OPTION



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com