Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

NRCAS Datasheet(PDF) 5 Page - NIC-Components Corp.

Part # NRCAS
Description  Sulfur Resistant Thick Film Chip Resistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRCAS Datasheet(HTML) 5 Page - NIC-Components Corp.

  NRCAS Datasheet HTML 1Page - NIC-Components Corp. NRCAS Datasheet HTML 2Page - NIC-Components Corp. NRCAS Datasheet HTML 3Page - NIC-Components Corp. NRCAS Datasheet HTML 4Page - NIC-Components Corp. NRCAS Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Type
EIA
Case Size
Reel
Quantity
Tape
Width
Reel
Diameter
fB
fC
W
T
NRC-AS02
0201
15,000
8mm
178.5
± 1.5
60.0
+1/-0
13.0
±0.2
9.0
±0.5
12.5
±0.5
NRC-AS04
0402
10,000
NRC-AS06
0603
5,000
100
±0.5
9.5
±0.5
13.5
±0.5
NRC-AS10
0805
5,000
NRC-AS12
1206
5,000
NRC-AS25
1210
5,000
NRC-AS50
2010
4,000
12mm
60.0
+1/-0
13.0
±0.5
13.0
±0.5
15.5
±0.5
NRC-AS100
2512
4,000
REEL DIMENSIONS (mm)
Type
EIA
Case Size
A
B
C
NRC-AS02
0201
0.30
0.25
0.30
NRC-AS04
0402
0.50
0.45
0.60
NRC-AS06
0603
0.90
0.60
0.90
NRC-AS10
0805
1.20
0.70
1.30
NRC-AS12
1206
2.00
0.90
1.60
NRC-AS25
1210
2.00
0.90
2.80
NRC-AS50
2010
3.80
0.90
2.80
NRC-AS100
2512
3.80
1.60
3.50
B
C
A
LAND PATTERN DIMENSIONS (mm)
Sulfur Resistant Thick Film Chip Resistors
NRC-AS Series
REFLOW SOLDERING TEMPERATURE PROFILE
200
300
260
50
150
100
0
120 Sec.
10 sec. max.
Peak Temperature 260°C
220
Time above 230°C
40 sec. max.
W
E
D



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com