Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

NRCAS Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NRCAS
Description  Sulfur Resistant Thick Film Chip Resistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRCAS Datasheet(HTML) 1 Page - NIC-Components Corp.

  NRCAS Datasheet HTML 1Page - NIC-Components Corp. NRCAS Datasheet HTML 2Page - NIC-Components Corp. NRCAS Datasheet HTML 3Page - NIC-Components Corp. NRCAS Datasheet HTML 4Page - NIC-Components Corp. NRCAS Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Sulfur Resistant Thick Film Chip Resistors
NRC-AS Series
FEATURES
• EIA STANDARD SIZING 0201, 0402, 0603, 0805, 1206, 1210, 2010 AND 2512
• SUIT FOR HIGH RELIABILITY APPLICATIONS IN HARSH ENVIRONMENTS
• AEC-Q200 QUALIFIED OPTION AVAILABLE (SEE PART NUMBERING SYSTEM)
• ALL SIZES ARE AVAILABLE IN TAPE/REEL FOR AUTOMATIC MOUNTING
• SAC REFLOW SOLDERABLE (THREE TIMES AT 260°C FOR 10 SECONDS)
SPECIFICATIONS
Type
EIA
Size
Power Rating
at 70°C
Max. *1
Working
Voltage
Max. *2
Overload
Voltage
Resistance
Tolerance
Code
Temperature
Coefficient
(ppm/°C)
Resistance
Range (W)*3
Resistance
Values
Operating
Temperature
Range
NRC-AS02
0201
0.05W
25V
50V
±1%(F), ±5%(J)
±200ppm
1 ~ 10M
E-24 & 96
-55°C ~ +125°C
NRC-AS04
0402
0.063W
50V
100V
±0.5%(D), ±1%(F),
±5%(J)
±100ppm
10 ~ 1M
E-24 & 96
-55°C ~ +155°C
±200ppm
1 ~ 9.76
1.02M ~ 10M
NRC-AS06
0603
0.10W
75V
100V
±0.5%(D), ±1%(F),
±5%(J)
±100ppm
10 ~ 1M
E-24 & 96
±200ppm
1 ~ 9.76
1.02M ~ 10M
NRC-AS10
0805
0.125W
150V
300V
±0.5%(D), ±1%(F),
±5%(J)
±100ppm
10 ~ 1M
E-24 & 96
±200ppm
1 ~ 9.76
1.02M ~ 10M
NRC-AS12
1206
0.25W
200V
400V
±0.5%(D), ±1%(F),
±5%(J)
±100ppm
10 ~ 1M
E-24 & 96
±200ppm
1 ~ 9.76
1.02M ~ 10M
NRC-AS25
1210
0.33W
200V
400V
±0.5%(D), ±1%(F),
±5%(J)
±100ppm
10 ~ 1M
E-24 & 96
±200ppm
1 ~ 9.76
1.02M ~ 10M
NRC-AS50
2010
0.75W
200V
400V
±0.5%(D), ±1%(F),
±5%(J)
±100ppm
10 ~ 1M
E-24 & 96
±200ppm
1 ~ 9.76
1.02M ~ 10M
NRC-AS100
2512
1.0W
250V
500V
±0.5%(D), ±1%(F),
±5%(J)
±100ppm
10 ~ 1M
E-24 & 96
±200ppm
1 ~ 9.76
1.02M ~ 10M
Note *1
- Maximum allowable continuous Working Voltage
for all resistors is the lower of the two values:
“Maximum Working Voltage” as specified above
or the result of the following formula
Power rating (Watts) x Resistance (Ohms)
Note *2 - "Maximum Overload Voltage" for all resistors is the
lower of the two values:
"Maximum Overload Voltage" as specified above
or 2x the result of the following formula
Power rating (Watts) x Resistance (Ohms)
Power Derating Curve: For operation above
70oC, power ratingmust be derated according
to the following chart:
60
100
80
60
40
20
0
-20
20
100 120
70oC
*See Part Number System for Details
RoHS
Compliant
includes all homogeneous materials
Part Number
EIA
Size
Max. Current
at 70°C
Max.
Resistance
Operating
Temperature
Range
NRC-AS02ZOTRF
0201
1A
<50mW
-55°C ~ +125°C
NRC-AS04ZOTRF
0402
1A
<50mW
-55°C ~ +155°C
NRC-AS06ZOTRF
0603
1A
<50mW
NRC-AS10ZOTRF
0805
2A
<50mW
NRC-AS12ZOTRF
1206
2A
<50mW
NRC-AS25ZOTRF
1210
2.5A
<50mW
NRC-AS50ZOTRF
2010
3.5A
<50mW
NRC-AS100ZOTRF
2512
4A
<50mW
ZERO OHM JUMPERS*
125°C
0201
155°C
0402
0603
0805
1206
1210
2010
2512
*Optional AEC Q-200 Qualified "TRQYF" is also available


Similar Part No. - NRCAS

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRCA NIC-NRCA Datasheet
107Kb / 5P
Thick Film Chip Resistors
NRCA12F1000TR10QYF NIC-NRCA12F1000TR10QYF Datasheet
107Kb / 5P
Thick Film Chip Resistors
NRCA12F1001TR10QYF NIC-NRCA12F1001TR10QYF Datasheet
107Kb / 5P
Thick Film Chip Resistors
NRCA12F1002TR10QYF NIC-NRCA12F1002TR10QYF Datasheet
107Kb / 5P
Thick Film Chip Resistors
NRCA12F1003TR10QYF NIC-NRCA12F1003TR10QYF Datasheet
107Kb / 5P
Thick Film Chip Resistors
More results

Similar Description - NRCAS

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRCS NIC-NRCS Datasheet
112Kb / 4P
Sulfur Resistant Thick Film Chip Resistors
logo
Bourns Electronic Solut...
CAY10-AS BOURNS-CAY10-AS Datasheet
582Kb / 3P
Sulfur-Resistant Thick Film Chip Arrays
CR0402-AS BOURNS-CR0402-AS Datasheet
406Kb / 2P
Sulfur-Resistant Thick Film Chip Resistors
CR0603-AS BOURNS-CR0603-AS Datasheet
412Kb / 2P
Sulfur-Resistant Thick Film Chip Resistors
logo
Vishay Siliconix
RCA-LSE3 VISHAY-RCA-LSE3 Datasheet
155Kb / 10P
Sulfur Resistant, Long Side Termination Thick Film Chip Resistors
14-Jun-2021
RCA-IFE3 VISHAY-RCA-IFE3 Datasheet
135Kb / 10P
Sulfur Resistant, Pulse Proof Thick Film Chip Resistors
14-Sep-16
RCA-AUE4 VISHAY-RCA-AUE4 Datasheet
122Kb / 8P
Sulfur Resistant, Gold Terminated Thick Film Chip Resistors for Conductive Gluing
01-Dec-15
RCA-IFE3 VISHAY-RCA-IFE3_V01 Datasheet
132Kb / 10P
Sulfur Resistant, Pulse Proof Thick Film Chip Resistors
04-Jul-2022
RCA-LSE3 VISHAY-RCA-LSE3_V01 Datasheet
155Kb / 10P
Sulfur Resistant, Long Side Termination Thick Film Chip Resistors
14-Jun-2021
RCAE3 VISHAY-RCAE3_V01 Datasheet
160Kb / 10P
Sulfur Resistant Thick Film Chip Resistors
04-Jul-2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com