Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TJA1043T Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TJA1043T
Description  High-speed CAN transceiver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TJA1043T Datasheet(HTML) 4 Page - NXP Semiconductors

  TJA1043T Datasheet HTML 1Page - NXP Semiconductors TJA1043T Datasheet HTML 2Page - NXP Semiconductors TJA1043T Datasheet HTML 3Page - NXP Semiconductors TJA1043T Datasheet HTML 4Page - NXP Semiconductors TJA1043T Datasheet HTML 5Page - NXP Semiconductors TJA1043T Datasheet HTML 6Page - NXP Semiconductors TJA1043T Datasheet HTML 7Page - NXP Semiconductors TJA1043T Datasheet HTML 8Page - NXP Semiconductors TJA1043T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
TJA1043
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 3 — 24 April 2013
4 of 27
NXP Semiconductors
TJA1043
High-speed CAN transceiver
6.
Pinning information
6.1 Pinning
6.2 Pin description
[1]
For enhanced thermal and electrical performance, the exposed center pad of the HVSON14 package
should be soldered to board ground (and not to any other voltage level).
7.
Functional description
The TJA1043 is a stand-alone high-speed CAN transceiver with a number of operating
modes, fail-safe features and diagnostic features that offer enhanced system reliability
and advanced power management. The transceiver combines the functionality of the
Fig 2.
Pin configuration diagram: SO14
Fig 3.
Pin configuration diagram: HVSON14
TJA1043T
TXD
STB_N
GND
CANH
VCC
CANL
RXD
SPLIT
VIO
VBAT
EN
WAKE
INH
ERR_N
015aaa062
1
2
3
4
5
6
7
8
10
9
12
11
14
13
terminal 1
index area
TJA1043TK
TXD
1
GND
2
RXD
4
VIO
5
EN
6
INH
7
STB_N
14
CANH
13
CANL
12
SPLIT
11
VBAT
10
WAKE
9
ERR_N
8
3
VCC
015aaa376
Table 3.
Pin description
Symbol
Pin
Description
TXD
1
transmit data input
GND[1]
2
ground supply
VCC
3
transceiver supply voltage
RXD
4
receive data output; reads out data from the bus lines
VIO
5
supply voltage for I/O level adaptor
EN
6
enable control input
INH
7
inhibit output for switching external voltage regulators
ERR_N
8
error and power-on indication output (active LOW)
WAKE
9
local wake-up input
VBAT
10
battery supply voltage
SPLIT
11
common-mode stabilization output
CANL
12
LOW-level CAN bus line
CANH
13
HIGH-level CAN bus line
STB_N
14
standby control input (active LOW)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com