Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TJA1043T Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TJA1043T
Description  High-speed CAN transceiver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TJA1043T Datasheet(HTML) 2 Page - NXP Semiconductors

  TJA1043T Datasheet HTML 1Page - NXP Semiconductors TJA1043T Datasheet HTML 2Page - NXP Semiconductors TJA1043T Datasheet HTML 3Page - NXP Semiconductors TJA1043T Datasheet HTML 4Page - NXP Semiconductors TJA1043T Datasheet HTML 5Page - NXP Semiconductors TJA1043T Datasheet HTML 6Page - NXP Semiconductors TJA1043T Datasheet HTML 7Page - NXP Semiconductors TJA1043T Datasheet HTML 8Page - NXP Semiconductors TJA1043T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
TJA1043
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 3 — 24 April 2013
2 of 27
NXP Semiconductors
TJA1043
High-speed CAN transceiver
2.2 Low-power management
Very low current Standby and Sleep modes, with local and remote wake-up
Capability to power down the entire node while supporting local, remote and host
wake-up
Wake-up source recognition
Transceiver disengages from the bus (zero load) when VBAT absent
Functional behavior predictable under all supply conditions
2.3 Protection and diagnosis (detection and signalling)
High ESD handling capability on the bus pins
Bus pins and VBAT protected against transients in automotive environments
Transmit Data (TXD) dominant time-out function with diagnosis
TXD-to-RXD short-circuit handler with diagnosis
Thermal protection with diagnosis
Undervoltage detection and recovery on pins VCC, VIO and VBAT
Bus line short-circuit diagnosis
Bus dominant clamping diagnosis
Cold start diagnosis (first battery connection)
3.
Quick reference data
4.
Ordering information
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC
supply voltage
4.5
-
5.5
V
Vuvd(VCC) undervoltage detection voltage on pin
VCC
33.5
4.3
V
ICC
supply current
Normal mode; bus dominant
30
48
65
mA
Normal or Listen-only mode; bus
recessive
36
9
mA
Standby or Sleep mode
0
0.75 2
A
VESD
electrostatic discharge voltage
IEC 61000-4-2 at pins CANH and CANL
8-
+8
kV
VCANH
voltage on pin CANH
no time limit; DC limiting value
58
-
+58
V
VCANL
voltage on pin CANL
no time limit; DC limiting value
58
-
+58
V
Tvj
virtual junction temperature
40
-
+150
C
Table 2.
Ordering information
Type number
Package
Name
Description
Version
TJA1043T
SO14
plastic small outline package; 14 leads; body width 3.9 mm
SOT108-1
TJA1043TK
HVSON14 plastic, thermal enhanced very thin small outline package; no leads;
14 terminals; body 3
 4.5  0.85 mm
SOT1086-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com