Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TJA1043T Datasheet(PDF) 12 Page - NXP Semiconductors

Part # TJA1043T
Description  High-speed CAN transceiver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TJA1043T Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button TJA1043T Datasheet HTML 8Page - NXP Semiconductors TJA1043T Datasheet HTML 9Page - NXP Semiconductors TJA1043T Datasheet HTML 10Page - NXP Semiconductors TJA1043T Datasheet HTML 11Page - NXP Semiconductors TJA1043T Datasheet HTML 12Page - NXP Semiconductors TJA1043T Datasheet HTML 13Page - NXP Semiconductors TJA1043T Datasheet HTML 14Page - NXP Semiconductors TJA1043T Datasheet HTML 15Page - NXP Semiconductors TJA1043T Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
TJA1043
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 3 — 24 April 2013
12 of 27
NXP Semiconductors
TJA1043
High-speed CAN transceiver
8.
Limiting values
[1]
Verified by an external test house to ensure pins CANH, CANL, SPLIT and VBAT can withstand ISO 7637 part 3 automotive transient test
pulses 1, 2a, 3a and 3b.
[2]
IEC 61000-4-2 (150 pF, 330
); direct coupling.
[3]
ESD performance of pins CANH and CANL according to IEC 61000-4-2 (150 pF, 330
) has been verified by an external test house.
The result is equal to or better than
8 kV (unaided).
[4]
Human Body Model (HBM): according to AEC-Q100-002 (100 pF, 1.5 k
).
[5]
Machine Model (MM): according to AEC-Q100-003 (200 pF, 0.75
H, 10 ).
[6]
Charged Device Model (CDM): according to AEC-Q100-011 (field Induced charge; 4 pF); grade C3B.
[7]
In accordance with IEC 60747-1. An alternative definition of virtual junction temperature is: Tvj =Tamb +P  Rth(vj-a), where Rth(vj-a) is a
fixed value to be used for the calculation of Tvj. The rating for Tvj limits the allowable combinations of power dissipation (P) and ambient
temperature (Tamb).
9.
Thermal characteristics
Table 6.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VBAT
battery supply voltage
no time limit
0.3
+58
V
load dump
-
58
V
Vx
voltage on pin x
no time limit; DC value
on pins CANH, CANL and SPLIT
58
+58
V
on pins INH and WAKE
0.3
+58
V
on pins VCC, VIO, TXD, RXD, STB_N, EN,
ERR_N
0.3
+7
V
IWAKE
current on pin WAKE
DC value
-
15
mA
Vtrt
transient voltage
on pins CANH, CANL, SPLIT and VBAT
[1]
200
+200
V
VESD
electrostatic discharge
voltage
IEC 61000-4-2
[2]
at pins CANH and CANL
[3]
8+8
kV
HBM
[4]
at pins CANH and CANL
8+8
kV
at any other pin
4+4
kV
MM
[5]
at any pin
300
+300
V
CDM
[6]
at corner pins
750
+750
V
at any pin
500
+500
V
Tvj
virtual junction temperature
[7]
40
+150
C
Tstg
storage temperature
55
+150
C
Table 7.
Thermal characteristics
Value determined for free convection conditions on a JEDEC 2S2P board.
Symbol
Parameter
Conditions
Typ
Unit
Rth(vj-a)
thermal resistance from virtual junction to ambient
SO14 package; in free air
68
K/W
HVSON14 package; in free air
44
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com