Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LM3151 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM3151
Description  SIMPLE SWITCHER짰 CONTROLLER, High Input Voltage Synchronous Step-Down
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3151 Datasheet(HTML) 3 Page - Texas Instruments

  LM3151 Datasheet HTML 1Page - Texas Instruments LM3151 Datasheet HTML 2Page - Texas Instruments LM3151 Datasheet HTML 3Page - Texas Instruments LM3151 Datasheet HTML 4Page - Texas Instruments LM3151 Datasheet HTML 5Page - Texas Instruments LM3151 Datasheet HTML 6Page - Texas Instruments LM3151 Datasheet HTML 7Page - Texas Instruments LM3151 Datasheet HTML 8Page - Texas Instruments LM3151 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
LM3151, LM3152, LM3153
www.ti.com
SNVS562G – SEPTEMBER 2008 – REVISED MARCH 2011
PIN DESCRIPTIONS
Pin
Name
Description
Function
Supply Voltage for
Nominally regulated to 5.95V. Connect a 1 µF to 2.2 µF decoupling capacitor from this pin to
1
VCC
FET Drivers
ground.
Supply pin to the device. Nominal input range is 6V to 42V. See ordering information for Vin
2
VIN
Input Supply Voltage
limitations.
To enable the IC apply a logic high signal to this pin greater than 1.26V typical or leave
3
EN
Enable
floating. To disable the part, ground the EN pin.
Internally connected to the resistor divider network which sets the fixed output voltage. This
4
FB
Feedback
pin also senses the output voltage faults such a over-voltage and short circuit conditions.
Ground for all internal bias and reference circuitry. Should be connected to PGND at a single
5,9
SGND
Signal Ground
point.
An internal 7.7 µA current source charges an external capacitor to provide the soft-start
6
SS
Soft-Start
function.
Internally not electrically connected. These pins may be left unconnected or connected to
7,8
N/C
Not Connected
ground.
Switch pin of controller and high-gate driver lower supply rail. A boost capacitor is also
10
SW
Switch Node
connected between this pin and BST pin
Gate drive signal to the high-side NMOS switch. The high-side gate driver voltage is supplied
11
HG
High-Side Gate Drive
by the differential voltage between the BST pin and SW pin.
High-gate driver upper supply rail. Connect a 0.33 µF-0.47 µF capacitor from SW pin to this
Connection for
12
BST
pin. An internal diode charges the capacitor during the high-side switch off-time. Do not
Bootstrap Capacitor
connect to an external supply rail.
Gate drive signal to the low-side NMOS switch. The low-side gate driver voltage is supplied by
13
LG
Low-Side Gate Drive
VCC.
Synchronous rectifier MOSFET source connection. Tie to power ground plane. Should be tied
14
PGND
Power Ground
to SGND at a single point.
Exposed die attach pad should be connected directly to SGND. Also used to help dissipate
EP
EP
Exposed Pad
heat out of the IC.
Copyright © 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM3151 LM3152 LM3153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com