Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LM3151 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM3151
Description  SIMPLE SWITCHER짰 CONTROLLER, High Input Voltage Synchronous Step-Down
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3151 Datasheet(HTML) 1 Page - Texas Instruments

  LM3151 Datasheet HTML 1Page - Texas Instruments LM3151 Datasheet HTML 2Page - Texas Instruments LM3151 Datasheet HTML 3Page - Texas Instruments LM3151 Datasheet HTML 4Page - Texas Instruments LM3151 Datasheet HTML 5Page - Texas Instruments LM3151 Datasheet HTML 6Page - Texas Instruments LM3151 Datasheet HTML 7Page - Texas Instruments LM3151 Datasheet HTML 8Page - Texas Instruments LM3151 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
LM3151, LM3152, LM3153
www.ti.com
SNVS562G – SEPTEMBER 2008 – REVISED MARCH 2011
LM3151/LM3152/LM3153 SIMPLE SWITCHER® CONTROLLER, High Input Voltage
Synchronous Step-Down
Check for Samples: LM3151, LM3152, LM3153
1
FEATURES
DESCRIPTION
The LM3151/2/3 SIMPLE SWITCHER Controller is an
234
•
PowerWise™ Step-down Controller
easy to use and simplified step down power controller
•
6V to 42V Wide Input Voltage Range
capable of providing up to 12A of output current in a
•
Fixed Output Voltage of 3.3V
typical application. Operating with an input voltage
range from 6V-42V, the LM3151/2/3 features a fixed
•
Fixed Switching Frequencies of 250 kHz/500
output voltage of 3.3V, and features switching
kHz/750 kHz
frequencies of 250 kHz, 500 kHz, and 750 kHz. The
•
No Loop Compensation Required
synchronous architecture provides for highly efficient
•
Fully WEBENCH® Enabled
designs.
The
LM3151/2/3
controller
employs
a
Constant
On-Time
(COT)
architecture
with
a
•
Low External Component Count
proprietary Emulated Ripple Mode (ERM) control that
•
Constant On-Time Control
allows for the use of low ESR output capacitors,
•
Ultra-Fast Transient Response
which reduces overall solution size and output
voltage
ripple.
The
Constant
On-Time
(COT)
•
Stable with Low ESR Capacitors
regulation
architecture
allows
for
fast
transient
•
Output Voltage Pre-bias Startup
response and requires no loop compensation, which
•
Valley Current Limit
reduces external component count and reduces
design complexity.
•
Programmable Soft-start
Fault protection features such as thermal shutdown,
TYPICAL APPLICATIONS
under-voltage lockout, over-voltage protection, short-
circuit protection, current limit, and output voltage pre-
•
Telecom
bias startup allow for a reliable and robust solution.
•
Networking Equipment
The
LM3151/2/3
SIMPLE
SWITCHER
concept
•
Routers
provides for an easy to use complete design using a
•
Security Surveillance
minimum number of external components and TI’s
•
Power Modules
WEBENCH online design tool. WEBENCH provides
design support for every step of the design process
and includes features such as external component
calculation with a new MOSFET selector, electrical
simulation, thermal simulation, and Build-It boards for
prototyping.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerWise is a trademark of Texas Instruments.
3
SIMPLE SWITCHER, WEBENCH are registered trademarks of Texas Instruments.
4
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM3151

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3151 NSC-LM3151 Datasheet
492Kb / 20P
SIMPLE SWITCHER짰 CONTROLLER, High Input Voltage Synchronous Step-Down
logo
Texas Instruments
LM3151 TI1-LM3151 Datasheet
1Mb / 26P
LM3151/LM3152/LM3153 SIMPLE SWITCHER짰 CONTROLLER, High Input Voltage Synchronous Step-Down
LM3151 TI2-LM3151 Datasheet
733Kb / 29P
LM3151/LM3152/LM3153 SIMPLE SWITCHER® CONTROLLER, High Input Voltage Synchronous Step-Down
REVISED MARCH 2011
logo
National Semiconductor ...
LM3151MH-3.3 NSC-LM3151MH-3.3 Datasheet
492Kb / 20P
SIMPLE SWITCHER짰 CONTROLLER, High Input Voltage Synchronous Step-Down
logo
Texas Instruments
LM3151MH-3.3/NOPB TI1-LM3151MH-3.3/NOPB Datasheet
1Mb / 26P
LM3151/LM3152/LM3153 SIMPLE SWITCHER짰 CONTROLLER, High Input Voltage Synchronous Step-Down
More results

Similar Description - LM3151

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3100 NSC-LM3100 Datasheet
1Mb / 15P
SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
LM3103 NSC-LM3103 Datasheet
351Kb / 16P
SIMPLE SWITCHER짰 Synchronous 1MHz 0.75A Step-Down Voltage Regulator
LM3102 NSC-LM3102 Datasheet
379Kb / 18P
SIMPLE SWITCHER짰 Synchronous 1MHz 2.5A Step-Down Voltage Regulator
LM3100 NSC-LM3100_07 Datasheet
3Mb / 18P
SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
LM3150 NSC-LM3150 Datasheet
482Kb / 20P
SIMPLE SWITCHER짰 CONTROLLER, 42V Synchronous Step-Down
LM3151 NSC-LM3151 Datasheet
492Kb / 20P
SIMPLE SWITCHER짰 CONTROLLER, High Input Voltage Synchronous Step-Down
logo
Texas Instruments
LM3151 TI1-LM3151 Datasheet
1Mb / 26P
LM3151/LM3152/LM3153 SIMPLE SWITCHER짰 CONTROLLER, High Input Voltage Synchronous Step-Down
LM3100 TI1-LM3100_14 Datasheet
2Mb / 21P
SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
LM3103 TI1-LM3103_14 Datasheet
1Mb / 20P
SIMPLE SWITCHER짰 Synchronous 1MHz 0.75A Step-Down Voltage Regulator
LM3151 TI-LM3151_15 Datasheet
1,022Kb / 26P
LM3151/LM3152/LM3153 SIMPLE SWITCHER짰 CONTROLLER, High Input Voltage Synchronous Step-Down
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com