Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LM3151 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM3151
Description  SIMPLE SWITCHER짰 CONTROLLER, High Input Voltage Synchronous Step-Down
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3151 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM3151 Datasheet HTML 7Page - Texas Instruments LM3151 Datasheet HTML 8Page - Texas Instruments LM3151 Datasheet HTML 9Page - Texas Instruments LM3151 Datasheet HTML 10Page - Texas Instruments LM3151 Datasheet HTML 11Page - Texas Instruments LM3151 Datasheet HTML 12Page - Texas Instruments LM3151 Datasheet HTML 13Page - Texas Instruments LM3151 Datasheet HTML 14Page - Texas Instruments LM3151 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
tSS =
Vref x CSS
ISS
LM3151, LM3152, LM3153
www.ti.com
SNVS562G – SEPTEMBER 2008 – REVISED MARCH 2011
Short-Circuit Protection
The LM3151/2/3 will sense a short-circuit on the output by monitoring the output voltage. When the attenuated
feedback voltage has fallen below 60% of the reference voltage, Vref x 0.6 (≈ 0.36V), short-circuit mode of
operation will start. During short-circuit operation, the SS pin is discharged and the output voltage will fall to 0V.
The SS pin voltage, VSS, is then ramped back up at the rate determined by the SS capacitor and ISS until VSS
reaches 0.7V. During this re-ramp phase, if the short-circuit fault is still present the output current will be equal to
the set current limit. Once the soft-start voltage reaches 0.7V the output voltage is sensed again and if the
attenuated VFB is still below Vref x 0.6 then the SS pin is discharged again and the cycle repeats until the short-
circuit fault is removed.
Soft-Start
The soft-start (SS) feature allows the regulator to gradually reach a steady-state operating point, which reduces
start-up stresses and current surges. At turn-on, while VCC is below the under-voltage threshold, the SS pin is
internally grounded and VOUT is held at 0V. The SS capacitor is used to slowly ramp VFB from 0V to it's final
output voltage as programmed by the internal resistor divider. By changing the soft-start capacitor value, the
duration of start-up can be changed accordingly. The start-up time can be calculated using the following
equation:
where
•
tSS is measured in seconds
•
Vref = 0.6V
•
ISS is the soft-start pin source current, which is typically 7.7 µA (refer to electrical characteristics table)
An internal switch grounds the SS pin if VCC is below the under-voltage lockout threshold, if a thermal shutdown
occurs, or if the EN pin is grounded. By using an externally controlled switch, the output voltage can be shut off
by grounding the SS pin.
During startup the LM3151/2/3 will operate in diode emulation mode, where the low-side gate LG will turn off and
remain off when the inductor current falls to zero. Diode emulation mode allows for start up into a pre-biased
output voltage. When soft-start is greater than 0.7V, the LM3151/2/3 will remain in continuous conduction mode.
During diode emulation mode at current limit the low-gate will remain off when the inductor current is off.
The soft start time should be greater than the rise time specified by,
tSS ≥ (VOUT x COUT) / (IOCL - IOUT)
Enable/Shutdown
The EN pin can be activated by either leaving the pin floating due to an internal pull up resistor to VIN or by
applying a logic high signal to the EN pin of 1.26V or greater. The LM3151/2/3 can be remotely shut down by
taking the EN pin below 1.02V. Low quiescent shutdown is achieved when VEN is less than 0.4V. During low
quiescent shutdown the internal bias circuitry is turned off.
The LM3151/2/3 has certain fault conditions that can trigger shutdown, such as over-voltage protection, current
limit, under-voltage lockout, or thermal shutdown. During shutdown, the soft-start capacitor is discharged. Once
the fault condition is removed, the soft-start capacitor begins charging, allowing the part to start up in a controlled
fashion. In conditions where there may be an open drain connection to the EN pin, it may be necessary to add a
1000 pF bypass capacitor to this pin. This will help decouple noise from the EN pin and prevent false disabling.
Thermal Protection
The LM3151/2/3 should be operated such that the junction temperature does not exceed the maximum operating
junction temperature. An internal thermal shutdown circuit, which activates at 165°C (typical), takes the controller
to a low-power reset state by disabling the buck switch and the on-timer, and grounding the SS pin. This feature
helps prevent catastrophic failures from accidental device overheating. When the junction temperature falls back
below 150°C the SS pin is released and normal operation resumes.
Copyright © 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM3151 LM3152 LM3153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com