Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HT82P604B Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT82P604B
Description  DC-DC Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82P604B Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT82P604B Datasheet HTML 1Page - Holtek Semiconductor Inc HT82P604B Datasheet HTML 2Page - Holtek Semiconductor Inc HT82P604B Datasheet HTML 3Page - Holtek Semiconductor Inc HT82P604B Datasheet HTML 4Page - Holtek Semiconductor Inc HT82P604B Datasheet HTML 5Page - Holtek Semiconductor Inc HT82P604B Datasheet HTML 6Page - Holtek Semiconductor Inc HT82P604B Datasheet HTML 7Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
HT82P604B
DC-DC Converter
1
March 23, 2000
Preliminary
Pentium is a trademark of Intel Corporation
Features
·
Operating voltage: 5V~12V
·
Drives two N-Channel MOSFETs
·
Simple single-loop control design
-
Voltage-mode PWM control
·
Fast transient response
-
High-bandwidth error amplifier
-
Full 0% to 100% duty ratio
·
Excellent output voltage regulation
-
±1% over line voltage and temperature
·
5 bit digital-to-analog output voltage selection
-
Wide range -1.3V to 3.5V
-
0.1V binary steps from 2.1V to 3.5V
-
0.05V binary steps from 1.3V to 2.05V
·
Power-good output voltage monitor
·
Over-voltage and over-current sensing ele-
ment, uses MOSFET¢srDS (ON)
·
Small converter size
-
Constant frequency operation
-
200kHz free-running oscillator program-
mable from 50kHz to over 1MHz
Applications
·
Power supply for PentiumTM, PentiumTM
Pro, PowerPCTM and AlphaTM Microproces-
sors
·
High-power5Vto3.xVDC-DCregulators
·
Low-voltage distributed power supplies
General Description
The HT82P604B provides complete control and
protection for a DC-DC converter optimized for
high performance microprocessor applications.
It is designed to drive two N-Channel
MOSFETs in a synchronous-rectified buck to-
pology. The HT82P604B integrates all of the
control, output adjustment, monitoring and
protection functions into a single package.
The output voltage of the converter is easily ad-
justed and precisely regulated. The HT82P604B
includes a 5-input digital-to-analog converter
(DAC) that adjusts the output voltage from 2.1V
to 3.5V in 0.1V increments and from 1.3V to
2.05V in 0.05V steps. The precision reference
and voltage-mode regulator hold the selected
output voltage to within ±1% over temperature
andlinevoltagevariations.
The HT82P604B provides simple, single feed-
back loop, voltage-mode control with fast tran-
sient response. It includes a 200kHz
free-running triangle-wave oscillator that is
adjustable from below 50kHz to over 1MHz.
The error amplifier features a 15MHz
gain-bandwidth product and 6V/ms slew rate
which enables high converter bandwidth for
fast transient performance. The resulting
PWM duty ratio ranges from 0% to 100%.
The HT82P604B monitors the output voltage
with a window comparator that tracks the DAC
output and issues a Power Good signal when
the output is within ±10%. The HT82P604B
protects against over-current conditions by in-
hibiting PWM operation. Built-in over-voltage
protection triggers an external SCR to crowbar
the input supply. The HT82P604B monitors the
current by using the rDS (ON) of the upper
MOSFET which eliminates the need for a cur-
rent sensing resistor.


Similar Part No. - HT82P604B

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HT82-05087 BITECH-HT82-05087 Datasheet
416Kb / 4P
T1/CEPT/ISDN-Pri Telecom Products
HT82-05099 BITECH-HT82-05099 Datasheet
416Kb / 4P
T1/CEPT/ISDN-Pri Telecom Products
HT82-99627 BITECH-HT82-99627 Datasheet
85Kb / 4P
VDSL Coupling Transformers
HT82-99652 BITECH-HT82-99652 Datasheet
85Kb / 4P
VDSL Coupling Transformers
HT82-99653 BITECH-HT82-99653 Datasheet
85Kb / 4P
VDSL Coupling Transformers
More results

Similar Description - HT82P604B

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com