Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HT82P604B Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT82P604B
Description  DC-DC Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82P604B Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT82P604B Datasheet HTML 1Page - Holtek Semiconductor Inc HT82P604B Datasheet HTML 2Page - Holtek Semiconductor Inc HT82P604B Datasheet HTML 3Page - Holtek Semiconductor Inc HT82P604B Datasheet HTML 4Page - Holtek Semiconductor Inc HT82P604B Datasheet HTML 5Page - Holtek Semiconductor Inc HT82P604B Datasheet HTML 6Page - Holtek Semiconductor Inc HT82P604B Datasheet HTML 7Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Pin Assignment
Pin Description
Pin No.
Pin Name
I/O
Description
1
VSEN
I
This pin is connected to the converters output voltage. The
PGOOD and OVP comparator circuits use this signal to report
output voltage status and for overvoltage protection.
2
OCSET
I
Connect a resistor (ROCSET) from this pin to the drain of the up-
per MOSFET. ROCSET, an internal 200mA current source
(IOCS), and the upper MOSFET on-resistance (rDS (ON)) set the
converter over-current (OC) trip point.
I= IR
r
PEAK
OCS
OCSET
DS(ON)
´
An over-current trip cycles the soft-start function.
3SS
O
Connect a capacitor from this pin to ground. This capacitor,
along with an internal 10mA current source, sets the soft-start
interval of the converter.
4~8
VID0~4
I
VID0-4 are the input pins to the 5-bit DAC. The states of these
five pins program the internal voltage reference (DACOUT).
The level of DACOUT sets the converter output voltage. It also
sets the PGOOD and OVP thresholds. Table 1 specifies
DACOUT for the 32 combinations of DAC inputs.
9, 10
COMP, FB
I
COMP and FB are the available external pins of the error ampli-
fier. The FB pin is the inverting input of the error amplifier and
the COMP pin is the error amplifier output. These pins are used
to compensate the voltage-control feedback loop of the con-
verter.
11
GND
P
Signal ground for the IC. All voltage levels are measured with
respect to this pin.
HT82P604B
2
March 23, 2000
Preliminary
VS EN
OC S E T
SS
VI D 0
VI D 1
VI D 2
VI D 3
VI D 4
CO M P
FB
RT
OV P
VC C
LG A T E
PG N D
BO O T
UG A T E
PH AS E
P G OOD
GN D
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
H T 82P 6 04B
20 S O P



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com