Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HT82P604B Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT82P604B
Description  DC-DC Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82P604B Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT82P604B Datasheet HTML 1Page - Holtek Semiconductor Inc HT82P604B Datasheet HTML 2Page - Holtek Semiconductor Inc HT82P604B Datasheet HTML 3Page - Holtek Semiconductor Inc HT82P604B Datasheet HTML 4Page - Holtek Semiconductor Inc HT82P604B Datasheet HTML 5Page - Holtek Semiconductor Inc HT82P604B Datasheet HTML 6Page - Holtek Semiconductor Inc HT82P604B Datasheet HTML 7Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Pin No.
Pin Name
I/O
Description
12
PGOOD
O
PGOOD is an open collector output used to indicate the status of
the converter output voltage. This pin is pulled low when the
converter output is not within ±10% of the DACOUT reference
voltage. Exception to this behavivor is the ¢11111¢ VID pin com-
bination which disables the converter; in this case, PGOOD as-
serts a high level.
13
PHASE
O
Connect the PHASE pin to the upper MOSFET source. This pin
is used to monitor the voltage drop across the MOSFET for
over-current protection. This pin also provides the return path
for the upper gate drive.
14
UGATE
O
Connect UGATE to the upper MOSFET gate. This pin provides
the gate drive for the upper MOSFET.
15
BOOT
I
This pin provides bias voltage to the upper MOSFET driver. A
bootstrap circuit may be used to create a BOOT voltage suitable
to drive a standard N-Channel MOSFET.
16
PGND
P
This is the power ground connection. Tie the lower MOSFET
source to this pin.
17
LGATE
O
Connect LGATE to the lower MOSFET gate. This pin provides
the gate drive for the lower MOSFET.
18
VCC
P
Provide a 12V bias supply for the chip to this pin.
19
OVP
O
The OVP pin can be used to drive an external SCR in the event
of an overvoltage condition.
20
RT
I
This pin provides oscillator switching frequency adjustment. By
placing a resistor (RT) from this pin to GND, the nominal
200kHz switching frequency is increased.
FS » 200kHz +
510
R(k )
6
T
´
W
(RT to GND)
Conversely, connecting a pull-up resistor (RT) from this pin to
VCC reduces the switching frequency.
FS » 200kHz +
410
R(k )
7
T
´
W
(RT to 12V)
Absolute Maximum Ratings
Supply Voltage ......................................... +15V
Storage Temperature ............... -50°Cto125°C
Input Voltage ............... GND-0.3 to VCC+0.3V
Operating Temperature ............ -20°Cto75°C
Note: These are stress ratings only. Stresses exceeding the range specified under ²Absolute Maxi-
mum Ratings² may cause substantial damage to the device. Functional operation of this device
at other conditions beyond those listed in the specification is not implied and prolonged expo-
sure to extreme conditions may affect device reliability.
HT82P604B
3
March 23, 2000
Preliminary



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com