Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ICS1889 Datasheet(PDF) 15 Page - Integrated Circuit Systems

Part # ICS1889
Description  100Base-FX Integrated PHYceiverTM
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1889 Datasheet(HTML) 15 Page - Integrated Circuit Systems

Back Button ICS1889 Datasheet HTML 11Page - Integrated Circuit Systems ICS1889 Datasheet HTML 12Page - Integrated Circuit Systems ICS1889 Datasheet HTML 13Page - Integrated Circuit Systems ICS1889 Datasheet HTML 14Page - Integrated Circuit Systems ICS1889 Datasheet HTML 15Page - Integrated Circuit Systems ICS1889 Datasheet HTML 16Page - Integrated Circuit Systems ICS1889 Datasheet HTML 17Page - Integrated Circuit Systems ICS1889 Datasheet HTML 18Page - Integrated Circuit Systems ICS1889 Datasheet HTML 19Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
15
ICS1889
Enable Far End Fault (bit 4)
If this bit is set to a logic one, the far end fault logic becomes
active resulting in faults being signaled and recognized via the
“in-band” signaling scheme. If this bit is set to a logic zero,
the far end fault logic is disabled.
Transmit Far End Fault (bit 3)
Management may indicate a fault has occurred to its link
partner by setting this bit to a logic one. Indicating a fault
brings the link down and disables the reception of data until
this bit is cleared and the link is reestablished.
Invalid Error Code Test (bit 2)
If this bit is set to a logic one, the 4B5B encoder operates as a
5B5B encoder obtaining the fifth bit of the code group from
the value of TXER.
Reserved (bit 1)
This bit is reserved for ICS use. It must always be written with
a logic zero. A read always returns a logic zero.
Reserved (bit 0)
This bit is reserved for ICS use. It must always be written with
a logic zero. A read always returns a logic zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com