Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ICS1889 Datasheet(PDF) 35 Page - Integrated Circuit Systems

Part # ICS1889
Description  100Base-FX Integrated PHYceiverTM
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1889 Datasheet(HTML) 35 Page - Integrated Circuit Systems

Back Button ICS1889 Datasheet HTML 27Page - Integrated Circuit Systems ICS1889 Datasheet HTML 28Page - Integrated Circuit Systems ICS1889 Datasheet HTML 29Page - Integrated Circuit Systems ICS1889 Datasheet HTML 30Page - Integrated Circuit Systems ICS1889 Datasheet HTML 31Page - Integrated Circuit Systems ICS1889 Datasheet HTML 32Page - Integrated Circuit Systems ICS1889 Datasheet HTML 33Page - Integrated Circuit Systems ICS1889 Datasheet HTML 34Page - Integrated Circuit Systems ICS1889 Datasheet HTML 35Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 35 / 35 page
background image
35
ICS1889
Ordering Information
ICS1889
MQFP PACKAGE
ICS XXXX Y
Package Type
Y = MQFP
Device Type (consists of 3 or 4 digit numbers)
Prefix
ICS, AV = Standard Device
Example:
LEAD COUNT (N)
52L
BODY THICKNESS
2.00
FOOTPRINT (BODY+)
3.20
DIMENSIONS
TOLERANCE
A
MAX.
2.45
A1
MAX.
0.25
A2
+0.10 / -0.05
2.0
D
±0.25
17.20
D1
±0.10
14.00
E
±0.25
17.20
E1
±0.10
14.00
L
+0.15 / -0.10
0.88
e
BASIC
1.00
b
±0.05
0.35
ccc
MAX.
0.10
∝
—
0° - 7°C
ADVANCE INFORMATION documents contain information
on new products in the sampling or preproduction phase of
development. Characteristic data and other specifications
are subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com