Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ICS1889 Datasheet(PDF) 26 Page - Integrated Circuit Systems

Part # ICS1889
Description  100Base-FX Integrated PHYceiverTM
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1889 Datasheet(HTML) 26 Page - Integrated Circuit Systems

Back Button ICS1889 Datasheet HTML 22Page - Integrated Circuit Systems ICS1889 Datasheet HTML 23Page - Integrated Circuit Systems ICS1889 Datasheet HTML 24Page - Integrated Circuit Systems ICS1889 Datasheet HTML 25Page - Integrated Circuit Systems ICS1889 Datasheet HTML 26Page - Integrated Circuit Systems ICS1889 Datasheet HTML 27Page - Integrated Circuit Systems ICS1889 Datasheet HTML 28Page - Integrated Circuit Systems ICS1889 Datasheet HTML 29Page - Integrated Circuit Systems ICS1889 Datasheet HTML 30Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 35 page
background image
26
ICS1889
T#
PARAMETER (conditions)
MIN
TYP
MAX
UNITS
t 1
MII Input Pin Capacitance
—8
pF
t 2
MII Output Pin Capacitance
14
pF
t 3
MII Input Pin Impedance
33
Ohms
T#
PARAMETER (conditions)
MIN
TYP
MAX
UNITS
t 1
REF_IN Duty Cycle
40
50
60
%
t 2
REF_IN Period
—40
ns
t 3
REF_IN rise to TXCLK rise
0
1.5
3
ns
Additional DC Electrical Specifications
THE TIMING VALUES ARE PRELIMINARY AND SUBJECT TO CHANGE.
Clocks — Reference In (REF-IN/REF+) To Transmit Clock TXCLK
Note: REF-IN switching point is 50% of VDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com