Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ICS9159-05 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS9159-05
Description  Frequency Generator for Pentium??OPTi VIPER Systems
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9159-05 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS9159-05 Datasheet HTML 1Page - Integrated Circuit Systems ICS9159-05 Datasheet HTML 2Page - Integrated Circuit Systems ICS9159-05 Datasheet HTML 3Page - Integrated Circuit Systems ICS9159-05 Datasheet HTML 4Page - Integrated Circuit Systems ICS9159-05 Datasheet HTML 5Page - Integrated Circuit Systems ICS9159-05 Datasheet HTML 6Page - Integrated Circuit Systems ICS9159-05 Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
ICS9159-05
Functionality
Assuming 14.318 MHz input, all frequencies
in MHz. 14 MHz=14.318 MHz
Notes:
1. 000 mode powers-down the PLL sections and forces the outputs low. To ensure glitch-free start and
stop of the CPU and BUS clocks, enter 000 from 001 and exit 000 through 001.
2. Select is FS0, Fs1 = 00, 01, 10, 11.
3. F is the value of CPU, ECPU & BUS. F value is 66.6, 60, 50 or 33.3 as selected by FS(0:1).
Notes:
1. Where F is Frequency selected by FS (0:1)
2. F value is 66.6, 60, 50 or 33.3.
STOP#
BSEL#
DOZE#
FS0
FS1
CPU (0:2)
(MHz)
ECPU
(MHz)
BUS
(0:5)
(MHz)
FIXED
(MHz)
1
1
1
1
0
0
0
0
0
1
0
1
1
0
0
1
1
1
0
0
1
1
0
0
X
X
X
X
Select
X
X
X
X
X
X
X
Select
X
X
X
F
F
F/2
F/2
Stop
Stop
Low
Tristate
F
F
F/2
F/2
Run
Stop
Low
Tristate
F
F
F/4
F/2
Run
Stop
Low
Tristate
24, 12, 14
24, 12, 14
24, 12, 14
24, 12, 14
24, 12, 14
24, 12, 14
L, L, 14
Tristate
STOP#
BSEL#
DOZE#
FS0
FS1
CPU (0:2)
(MHz)
ECPU
(MHz)
BUS
(0:5)
(MHz)
FIXED
(MHz)
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
0
0
0
1
0
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
1
1
1
1
0
0
1
1
1
1
1
1
1
1
1
1
0
0
0
0
0
0
0
0
1
0
1
1
0
1
0
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
Select
2
Select
2
Select
2
X
X
X
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
Select
2
Select
2
Select
2
X
X
X
66.6
60
50
33.3
66.6
60
50
33.3
33.3
30
25
16.7
33.3
30
25
16.7
F
3
F/2
Stop
Stop
Low
Tristate
66.6
60
50
33.3
66.6
60
50
33.3
33.3
30
25
16.7
33.3
30
25
16.7
F
3
F/2
Run
Stop
Low
Tristate
33.3
30
25
16.7
66.6
60
50
33.3
16.7
15
12.5
8.3
33.3
30
25
16.7
F
3
F/2
Run
Stop
Low
Tristate
24, 12, 14
24, 12, 14
24, 12, 14
24, 12, 14
24, 12, 14
24, 12, 14
24, 12, 14
24, 12, 14
24, 12, 14
24, 12, 14
24, 12, 14
24, 12, 14
24, 12, 14
24, 12, 14
24, 12, 14
24, 12, 14
24, 12, 14
24, 12, 14
24, 12, 14
L, L, 14
L, L, 14
Tristate



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com