Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ICS9159-05 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS9159-05
Description  Frequency Generator for Pentium??OPTi VIPER Systems
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9159-05 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS9159-05 Datasheet HTML 1Page - Integrated Circuit Systems ICS9159-05 Datasheet HTML 2Page - Integrated Circuit Systems ICS9159-05 Datasheet HTML 3Page - Integrated Circuit Systems ICS9159-05 Datasheet HTML 4Page - Integrated Circuit Systems ICS9159-05 Datasheet HTML 5Page - Integrated Circuit Systems ICS9159-05 Datasheet HTML 6Page - Integrated Circuit Systems ICS9159-05 Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Integrated
Circuit
Systems, Inc.
General Description
Features
ICS9159-05
Frequency Generator for Pentium/OPTi VIPER Systems
9159-05 Rev F 9/29/98
Block Diagram
The ICS9159-05 is a low cost frequency generator designed
specifically for Pentium/Pentium Pro systems. The integrated
buffer minimizes skew and provides the early CPU clock required
by some chipsets such as the OPTi VIPER. A 14.318 MHz
XTAL oscillator provides the reference clock to generate
standard Pentium frequencies. The CPU clock makes gradual
frequency transitions without violating the PLL timing of
internal micro-processor clock multipliers.
The synchronous bus frequencies are selectable as CPU for
local bus or CPU/2 for PCI bus support. Green PC systems
are supported through power-down, doze, and glitch-free
stop clock modes.
Four CPU clocks operate up to 66.6 MHz at 3.3V with
glitch-free start and stop plus smooth transitions
3-6ns early CPU clock supports OPTi VIPER systems
Selection of 6 frequencies, tristate, or power-down
Six BUS clocks support local PCI bus operation
Skew window between synchronous outputs
Integrated buffer outputs drive up to 30pF loads
3.0V - 3.7V supply range
28-pin DIP or 28-pin 300-mil SOIC package
Pentium is a trademark of Intel Corporaton.
PowerPC is a trademark of Motorola Corporation.
Applications
Ideal for green Pentium/Pentium Pro and 486 PCI
systems such as Pentium, PowerPC
™ etc.
ICS reserves the right to make changes in the device data identified in this publication
without further notice. ICS advises its customers to obtain the latest version of all
device data to verify that any
28-Pin 300-mil SOIC
Pin Configuration


Similar Part No. - ICS9159-05

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9159-06 ICST-ICS9159-06 Datasheet
361Kb / 7P
Frequency Generator and Buffer for Pentium Systems
Rev C 091897
ICS9159-07 ICST-ICS9159-07 Datasheet
422Kb / 9P
Frequency Generator for NexGen??Nx586 Systems
Rev C 060697
More results

Similar Description - ICS9159-05

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9169C-232 ICST-ICS9169C-232 Datasheet
336Kb / 8P
Frequency Generator for Pentium??Based Systems
RevB031897
ICS9169C-27 ICST-ICS9169C-27 Datasheet
555Kb / 8P
Frequency Generator for Pentium Based Systems
Rev C 04/16/98
ICS9169C-271 ICST-ICS9169C-271 Datasheet
322Kb / 8P
Frequency Generator for Pentium??Based Systems
RevC060297
ICS9169C-272 ICST-ICS9169C-272 Datasheet
369Kb / 8P
Frequency Generator for Pentium??Based Systems
RevC060297
ICS9169C-273 ICST-ICS9169C-273 Datasheet
358Kb / 8P
Frequency Generator for Pentium??Based Systems
RevC031897
ICS9248-157 ICST-ICS9248-157 Datasheet
151Kb / 11P
Frequency Timing Generator for Pentium II Systems
ICS9248-61 ICST-ICS9248-61 Datasheet
291Kb / 9P
Frequency Timing Generator for Pentium II Systems
Rev B 1/8/99
ICS9248-66 ICST-ICS9248-66 Datasheet
382Kb / 11P
Frequency Timing Generator for PENTIUM II Systems
ICS9248-97 ICST-ICS9248-97 Datasheet
466Kb / 14P
Frequency Timing Generator for PENTIUM II Systems
Rev E 08/18/00
ICS9169C-231 ICST-ICS9169C-231 Datasheet
295Kb / 8P
Frequency Generator for Pentium Based Systems
RevB040697
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com