Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ICS9159-05 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS9159-05
Description  Frequency Generator for Pentium??OPTi VIPER Systems
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9159-05 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS9159-05 Datasheet HTML 1Page - Integrated Circuit Systems ICS9159-05 Datasheet HTML 2Page - Integrated Circuit Systems ICS9159-05 Datasheet HTML 3Page - Integrated Circuit Systems ICS9159-05 Datasheet HTML 4Page - Integrated Circuit Systems ICS9159-05 Datasheet HTML 5Page - Integrated Circuit Systems ICS9159-05 Datasheet HTML 6Page - Integrated Circuit Systems ICS9159-05 Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
ICS9159-05
Electrical Characteristics at 3.3V
VDD = 3.0 – 3.7 V, TA = 0 – 70° C unless otherwise stated
Note 1: Parameter is guaranteed by design and characterization. Not 100% tested in production.
AC Characteristics
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Rise Time
1
Tr1
20pF load, 0.8 to 2.0V
CPU & BUS
-0.9
1.5
ns
Fall Time
1
Tf1
20pF load, 2.0 to 0.8V
CPU & BUS
-
0.8
1.4
ns
Rise Time
1
Tr2
20pF load, 20% to 80%
CPU & BUS
-1.5
2.5
ns
Fall Time
1
Tf2
20pF load, 80% to 20%
CPU & BUS
-
1.4
2.4
ns
Duty Cycle
1
Dt
20pF load @ V
OUT
=1.4V
455055
%
Jitter, One Sigma
1
Tj1s1
CPU & BUS Clocks; Load=20pF,
RS=33
-
40
150
ps
Jitter, Absolute1
Tjab1
CPU & BUS Clocks; Load=20pF,
RS=33
-300
-
300
ps
Jitter, One Sigma1
Tj1s2
Fixed CLK; Load=20pF
-
1
3
%
Jitter, Absolute1
Tjab2
Fixed CLK; Load=20pF
-
2
5
%
Input Frequency1
Fi
4.0
14.318
20.0
MHz
Logic Input Capacitance1
CIN
Logic input pins
-
5
-
pF
Crystal Oscillator Capacitance
1
CINX
X1, X2 pins
-
18
-
pF
Clock Skew Window1
Tsk1
CPU to CPU; Load=20pF; @1.4V
-
150
250
ps
Clock Skew Window
1
Tsk
BUS to BUS;
Load=20pF @1.4V
-
300
500
ps
Clock Skew Window
1
Tsk3
ECPU to CPU;
Load=20pF; @1.4V
3.0
-
6.0
ns
Clock Skew Window
1
TSR4
CPU to BUS;
Load=20pF; @1.4v
0.5
1.0
3.0
ns



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com