Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ICS9159-12 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS9159-12
Description  Frequency Generator and Buffers for Mobile Pentium Systems
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9159-12 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS9159-12 Datasheet HTML 1Page - Integrated Circuit Systems ICS9159-12 Datasheet HTML 2Page - Integrated Circuit Systems ICS9159-12 Datasheet HTML 3Page - Integrated Circuit Systems ICS9159-12 Datasheet HTML 4Page - Integrated Circuit Systems ICS9159-12 Datasheet HTML 5Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
ICS9159-12
Electrical Characteristics at 3.3V
VDD = 3.0 – 3.7 V
AC Characteristics
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Rise Time 0.8 to 2.0V
Tr
20pF load
-
1.5
3
ns
Fall Time 2.0 to 0.8V
Tf
20pF load
-
0.9
2
ns
Rise Time 20% to 80%
Tr
20pF load
-
2
4.5
ns
Fall Time 80% to 20%
Tf
20pF load
-
1.8
4.25
ns
Duty Cycle [CPU]
Dt
20pF load
45
50
55
%
Duty Cycle, [REF(0:1)]
Dt
20pF load
40
-
60
%
Jitter, One Sigma
Tj1s
CPU Clock; Load=20pF, FOUT>25 MHz
-
50
150
ps
Jitter, Absolute
Tjab
CPU Clock; Load=20pF, FOUT>25 MHz
-250
-
250
ps
Jitter, One Sigma
Tj1s
Fixed CLK; Load=20pF; Comp. to the period
-
1
3
%
Jitter, Absolute
Tjab
Fixed CLK; Load=20pF; Comp. to the period
-
2
5
%
Input Frequency
Fi
-
14.318
-
MHz
Clock Skew Window
Tsk
BH to BH; Load=20pF; @1.4V
-
50
250
ps
Clock Skew Window
Tsk
BP to BP; Load=20pF; @1.4V
-
50
250
ps
Clock Skew Window
Tsk
BH to BP; Load=20pF; @1.4V
-
100
500
ps



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com