Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ICS9159-12 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS9159-12
Description  Frequency Generator and Buffers for Mobile Pentium Systems
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9159-12 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS9159-12 Datasheet HTML 1Page - Integrated Circuit Systems ICS9159-12 Datasheet HTML 2Page - Integrated Circuit Systems ICS9159-12 Datasheet HTML 3Page - Integrated Circuit Systems ICS9159-12 Datasheet HTML 4Page - Integrated Circuit Systems ICS9159-12 Datasheet HTML 5Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Integrated
Circuit
Systems, Inc.
General Description
Features
ICS9159-12
Frequency Generator and Buffers for Mobile Pentium™ Systems
9159-12RevB071797
Block Diagram
The ICS9159-12 generates all clocks required for mobile
microprocessor systems based on Pentium/Mobile Triton
chip sets. Three different reference frequency multiplying
factors are externally selectable with smooth frequency
transitions. These multiplying factors can be customized
for specific plications. A test mode is provided to drive all
clocks directly.
High drive BCLK outputs provide greater than 1V/ns slew
rate into 30pF loads. PCLK outputs provide better than 1V/
ns slew rate into 20pF loads while maintaining ±5% duty
cycle.
•
Generates 14 clocks including processor, disk
and reference
•
Meets all Pentium/Mobile Triton 82430MX
requirments
•
Independent buffers provide 4 and 6 clock copies
•
Buffered clocks skew matched to ±250ps
•
Buffer inputs are 5V tolerant
•
Test clock mode eases system design
•
Selectable multiplying and processor/bus ratios
•
Custom configurations available
•
3.0V- 5.5V supply range
•
28pin, .209" SSOP package
Pentium is a trademark of Intel Corporation.
FS1
FS0
*VCO
X1, REF
(MHz)
CPU (MHz)
0
0
118/17*X1
14.318
50 (49.69)
0
1
65/7*X1
14.318
66.6 (66.47)
1
0
92/11*X1
14.318
60 (59.87)
1
1
Test mode
TCLK
TCLK/2
CPU
24M
VCO/2
24 MHz
TCLK/2
TCLK/4
Functionality
*VCO range is limited form 60 - 200 MHz.
Pin Configuration
28-Pin SSOP
ICS reserves the right to make changes in the device data identified in this publication
without further notice. ICS advises its customers to obtain the latest version of all
device data to verify that any information being relied upon by the customer is current
and accurate.


Similar Part No. - ICS9159-12

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9159-13 ICST-ICS9159-13 Datasheet
340Kb / 7P
Frequency Generator and Integrated Buffer for PENTIUM
Rev B 060497
ICS9159-14 ICST-ICS9159-14 Datasheet
423Kb / 7P
Frequency Generator and Integrated Buffer for PENTIUM?
Rev B 3/16/00
More results

Similar Description - ICS9159-12

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9159-06 ICST-ICS9159-06 Datasheet
361Kb / 7P
Frequency Generator and Buffer for Pentium Systems
Rev C 091897
ICS9169C-232 ICST-ICS9169C-232 Datasheet
336Kb / 8P
Frequency Generator for Pentium??Based Systems
RevB031897
ICS9169C-27 ICST-ICS9169C-27 Datasheet
555Kb / 8P
Frequency Generator for Pentium Based Systems
Rev C 04/16/98
ICS9169C-271 ICST-ICS9169C-271 Datasheet
322Kb / 8P
Frequency Generator for Pentium??Based Systems
RevC060297
ICS9169C-272 ICST-ICS9169C-272 Datasheet
369Kb / 8P
Frequency Generator for Pentium??Based Systems
RevC060297
ICS9169C-273 ICST-ICS9169C-273 Datasheet
358Kb / 8P
Frequency Generator for Pentium??Based Systems
RevC031897
PSICS9169-01 ICST-PSICS9169-01 Datasheet
177Kb / 10P
Frequency Generator and Integrated Buffers for Intel Pentium and Pentium ProTM mPs
RevE 08/28/98
ICS9148-37 ICST-ICS9148-37 Datasheet
425Kb / 16P
Frequency Generator & Integrated Buffers for PENTIUM/Pro
ICS9169C-231 ICST-ICS9169C-231 Datasheet
295Kb / 8P
Frequency Generator for Pentium Based Systems
RevB040697
logo
Renesas Technology Corp
ICS9169-01 RENESAS-ICS9169-01 Datasheet
322Kb / 11P
Frequency Generator and Integrated Buffers for Intel Pentium and Pentium ProTM
2019
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com