Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ICS9159-12 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS9159-12
Description  Frequency Generator and Buffers for Mobile Pentium Systems
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9159-12 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS9159-12 Datasheet HTML 1Page - Integrated Circuit Systems ICS9159-12 Datasheet HTML 2Page - Integrated Circuit Systems ICS9159-12 Datasheet HTML 3Page - Integrated Circuit Systems ICS9159-12 Datasheet HTML 4Page - Integrated Circuit Systems ICS9159-12 Datasheet HTML 5Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
ICS9159-12
SSOP Package
ICS XXXX F-PPP
Example:
Package Type
F=SSOP
Device Type (consists of 3 or 4 digit numbers)
ICS=Standard Device
Prefix
Ordering Information
ICS9159F-12
Pattern Number(2 or 3 digit number for parts with ROM code patterns)
SYMBOL
COMMON
DIMENSIONS
VARIATIONS
D
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A
0.068
0.073
0.078
14
0.239
0.244
0.249
A1
0.002
0.005
0.008
16
0.239
0.244
0.249
A2
0.066
0.068
0.070
20
0.278
0.284
0.289
B
0.010
0.012
0.015
24
0.318
0.323
0.328
C
0.005
0.006
0.008
28
0.397
0.402
0.407
D
See Variations
30
0.397
0.402
0.407
E
0.205
0.209
0.212
34
0.701
0.706
0.711
e
0.0256 BSC
36
0.602
0.607
0.612
H
0.301
0.307
0.311
44
0.701
0.706
0.711
L
0.022
0.030
0.037
48
0.620
0.625
0.630
N
See Variations
56
0.720
0.725
0.730
∝
0°
4°
8°
ICS reserves the right to make changes in the device data identified in this publication
without further notice. ICS advises its customers to obtain the latest version of all
device data to verify that any information being relied upon by the customer is current
and accurate.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com