Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ICS9177 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS9177
Description  High Frequency System Clock Generator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9177 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS9177 Datasheet HTML 1Page - Integrated Circuit Systems ICS9177 Datasheet HTML 2Page - Integrated Circuit Systems ICS9177 Datasheet HTML 3Page - Integrated Circuit Systems ICS9177 Datasheet HTML 4Page - Integrated Circuit Systems ICS9177 Datasheet HTML 5Page - Integrated Circuit Systems ICS9177 Datasheet HTML 6Page - Integrated Circuit Systems ICS9177 Datasheet HTML 7Page - Integrated Circuit Systems ICS9177 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
ICS9177
Function Tables
Example of System Block Diagram - Clocking
Table 1: Primary Function Table Typical System Usage
Table 2: CLOCK SELECT Blocks Function Table
Note: x=A, B, or C. (See Figure 1.)
Typical System Usage
REF IN
(MHx)
DSEL1#
DSEL0#
RSTL
TEST
f
1
OUT
A
OUT
B
OUT
C
OUT
D
DESCRIPTION
25
0
0
1
0
200 MHz
f
/4
f
/4
f
/8
f
/16
Mode 0 - 1/1
25
0
1
1
0
300 Mhz
f
/4
f
/6
f
/12
f
/24
Mode 1 - 3/2
33
1
010
200/264
MHz
f
/2
f
/4
f
/8
f
/16
Mode 2 - 2/1
25
1
110
X
1111
Mode 3 - A ll 1
-
X
X
0
X
X
0000
Reset Mode
-
0
0
1
1
TCLK
f
/2
f
/2
f
/4
f/
8
Test Mode 0
-
0
1
1
1
TCLK
f
/2
f
/3
f
/6
f
/12
Test Mode 1
-
1
0
1
1
TCLK
f/
1
f
/2
f
/4
f
/8
Test Mode 2
-
1
1
1
1
TCLK
f
/2
f
/2
f
/2
f
/2
Test Mode 3
PxSEL
1
PxSEL
0
Function of CLOCK SELECT Blocks
0
0
Both outputs at the same frequency as Out B.
0
1
Both outputs at the same frequency as Out C.
1
0
Both outputs at the same frequency as Out D.
1
1
Both outputs disabled in the high state.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com