Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ICS9177 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS9177
Description  High Frequency System Clock Generator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9177 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS9177 Datasheet HTML 1Page - Integrated Circuit Systems ICS9177 Datasheet HTML 2Page - Integrated Circuit Systems ICS9177 Datasheet HTML 3Page - Integrated Circuit Systems ICS9177 Datasheet HTML 4Page - Integrated Circuit Systems ICS9177 Datasheet HTML 5Page - Integrated Circuit Systems ICS9177 Datasheet HTML 6Page - Integrated Circuit Systems ICS9177 Datasheet HTML 7Page - Integrated Circuit Systems ICS9177 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Integrated
Circuit
Systems, Inc.
General Description
Features
ICS9177
Block Diagram
ICS9177RevB060297P
High Frequency System Clock Generator
The ICS9177 is a multiple output clock generator ideal for
high speed processor system applications. A single high-
speed internal VCO is utilized to derive up to four simultaneous
clock output frequencies. This enables output clock skew
matching and the minimization of clock jitter. The internal
VCO operates up to 350 MHz providing edge skew matched
output clocks.
One differential PECL (Positive ECL) output pair provides a
high speed processor clock. 12 TTL clock outputs are also
provided for other system functions, such as bus clocks. Input
selection pins are used to select the TTL output clock
frequencies.
For information about ICS9177 customization optics, please
contact ICS.
•
Provides output frequencies up to 175 Mhz
•
Internal VCO is divided into four skew-matched output
frequencies (Out A, B, C, D)
•
External clock feedback provides input to output skew
matching
•
Differential PECL clock output pair provided for high
speed output (Out A)
•
12 TTL clock outputs (for Out B, C, D)
•
Single 5 volt power supply voltage
•
Internal loop filters
•
52-pin QFP package
Pin Configuration
52-Pin QFP
ICS reserves the right to make changes in the device data identified in this
publication without further notice. ICS advises its customers to obtain the latest
version of all device data to verify that any information being relied upon by the
customer is current and accurate.


Similar Part No. - ICS9177

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS91718 ICST-ICS91718 Datasheet
84Kb / 11P
Low EMI, Spread Modulating, Clock Generator
logo
Renesas Technology Corp
ICS91718 RENESAS-ICS91718 Datasheet
301Kb / 12P
Low EMI, Spread Modulating, Clock Generator
2019
logo
Integrated Circuit Syst...
ICS91718YGLF-T ICST-ICS91718YGLF-T Datasheet
84Kb / 11P
Low EMI, Spread Modulating, Clock Generator
logo
Renesas Technology Corp
ICS91718YGLF-T RENESAS-ICS91718YGLF-T Datasheet
301Kb / 12P
Low EMI, Spread Modulating, Clock Generator
2019
logo
Integrated Circuit Syst...
ICS91718YMLF-T ICST-ICS91718YMLF-T Datasheet
84Kb / 11P
Low EMI, Spread Modulating, Clock Generator
More results

Similar Description - ICS9177

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8703AV NPC-SM8703AV Datasheet
106Kb / 12P
Clock Generator for MPEG2 System
logo
TriQuint Semiconductor
TQ2059 TRIQUINT-TQ2059 Datasheet
195Kb / 6P
High-Frequency Clock Generator
TQ2060 TRIQUINT-TQ2060 Datasheet
191Kb / 6P
High-Frequency Clock Generator
TQ2061 TRIQUINT-TQ2061 Datasheet
191Kb / 6P
High-Frequency Clock Generator
logo
Cypress Semiconductor
CY2213 CYPRESS-CY2213 Datasheet
103Kb / 10P
High-Frequency Programmable PECL Clock Generator
CY2213 CYPRESS-CY2213_12 Datasheet
496Kb / 16P
High Frequency Programmable PECL Clock Generator
logo
Motorola, Inc
MC12430 MOTOROLA-MC12430 Datasheet
168Kb / 12P
HIGH FREQUENCY PLL CLOCK GENERATOR
MC12439 MOTOROLA-MC12439 Datasheet
135Kb / 11P
HIGH FREQUENCY PLL CLOCK GENERATOR
logo
SiTime Corp.
SIT2019B SITIME-SIT2019B Datasheet
945Kb / 17P
High Frequency, High Temp, One-Output Clock Generator
logo
Renesas Technology Corp
6P41505 RENESAS-6P41505 Datasheet
561Kb / 27P
System Clock Generator
MAY 1, 2019
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com