Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ICS9177 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS9177
Description  High Frequency System Clock Generator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9177 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS9177 Datasheet HTML 1Page - Integrated Circuit Systems ICS9177 Datasheet HTML 2Page - Integrated Circuit Systems ICS9177 Datasheet HTML 3Page - Integrated Circuit Systems ICS9177 Datasheet HTML 4Page - Integrated Circuit Systems ICS9177 Datasheet HTML 5Page - Integrated Circuit Systems ICS9177 Datasheet HTML 6Page - Integrated Circuit Systems ICS9177 Datasheet HTML 7Page - Integrated Circuit Systems ICS9177 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
ICS9177
Absolute Maximum Ratings
Supply voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7V
Logic inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND -.05V to VDD +.05V
Ambient operating temperature . . . . . . . . . . . . . . . . 0°C to +70°C
Storage temperature . . . . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions above those indicated in the operational sections
of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect product
reliability.
AC/DC Characteristics
Table 5: AC Specification type Out A.pecl Pins (CPUCLK)
Test Load Conditions: 100
Ω, 15 pF.
Note 1: The pecl levels are standard 10 kHz positive ECL values as shown in the table above.
Note 2: Pin skew and Duty cycle are measured at the signal swing mid-point.
Note 3: The skew and duty cycle numbers reflect the recommended clock distribution method shown in Figure 2
Power Supply Specifications (Total Power consumption: approximately 750 mw)
Table 3: DC Specifications
AC/DC Input Specification
Table 4: AC Specification of Inputs
Note: tr and tf are typical values for input
Supply
I(typ)
I(max)
V(min)
V(typ)
V(max)
VDD
150 mA
200 mA
4.75V
5V
5.25V
Pin Type
Vih(min)
Vil(max)
tr
tf
All
2V
0.8V
3
3
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Output High Voltage
1
Voh
3.87
4.67
volts
Output Low Voltage
1
Vol
2.63
3.19
volts
Output High Current
Ioh
38.7
46.7
ma
Output Low Current
Iol
26.3
31.9
ma
Rise Time 10-90%
tr
1
ns
Fall Time 10-90%
tf
1
ns
Duty cycle at 100 MHz 2, 3
dcyc
45
55
%



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com