Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AD8324 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8324
Description  3.3 V Upstream Cable Line Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8324 Datasheet(HTML) 4 Page - Analog Devices

  AD8324_15 Datasheet HTML 1Page - Analog Devices AD8324_15 Datasheet HTML 2Page - Analog Devices AD8324_15 Datasheet HTML 3Page - Analog Devices AD8324_15 Datasheet HTML 4Page - Analog Devices AD8324_15 Datasheet HTML 5Page - Analog Devices AD8324_15 Datasheet HTML 6Page - Analog Devices AD8324_15 Datasheet HTML 7Page - Analog Devices AD8324_15 Datasheet HTML 8Page - Analog Devices AD8324_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD8324
Data Sheet
Rev. B | Page 4 of 16
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
POWER SUPPLY
Operating Range
3.13
3.3
3.47
V
Quiescent Current
Maximum gain
195
207
235
mA
Minimum gain
25
39
50
mA
Transmit disable (TXEN = 0)
1
2.5
4
mA
SLEEP mode (power down)
30
500
µA
OPERATING TEMPERATURE RANGE
20-lead LFCSP
–40
+85
°C
20-lead QSOP
–25
+70
°C
1
TOKO 458PT-1556 used for above specifications. Typical insertion loss of 0.5 dB at 10 MHz.
2
Guaranteed by design and characterization to ±6 sigma for TA = 25°C.
3
Guaranteed by design and characterization to ±3 sigma for TA = 25°C.
4
Measured through a 1:1 transformer.
5
Specification is worst case over all gain codes.
6
VIN = 27.5 dBmV, QPSK modulation, 160 kSPS symbol rate.
LOGIC INPUTS (TTL-/CMOS-COMPATIBLE LOGIC)
DATEN, CLK, SDATA, TXEN, SLEEP, VCC = 3.3 V, unless otherwise noted.
Table 2.
Parameter
Min
Typ
Max
Unit
Logic 1 Voltage
2.1
3.3
V
Logic 0 Voltage
0
0.8
V
Logic 1 Current (VINH = 3.3 V), CLK, SDATA, DATEN
0
20
nA
Logic 0 Current (VINL = 0 V), CLK, SDATA, DATEN
−600
−100
nA
Logic 1 Current (VINH = 3.3 V), TXEN
50
190
µA
Logic 0 Current (VINL = 0 V), TXEN
−250
−30
µA
Logic 1 Current (VINH = 3.3 V), SLEEP
50
190
µA
Logic 0 Current (VINL = 0 V), SLEEP
−250
−30
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com