Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AD8324 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8324
Description  3.3 V Upstream Cable Line Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8324 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8324_15 Datasheet HTML 5Page - Analog Devices AD8324_15 Datasheet HTML 6Page - Analog Devices AD8324_15 Datasheet HTML 7Page - Analog Devices AD8324_15 Datasheet HTML 8Page - Analog Devices AD8324_15 Datasheet HTML 9Page - Analog Devices AD8324_15 Datasheet HTML 10Page - Analog Devices AD8324_15 Datasheet HTML 11Page - Analog Devices AD8324_15 Datasheet HTML 12Page - Analog Devices AD8324_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Data Sheet
AD8324
Rev. B | Page 9 of 16
Figure 13. Adjacent Channel Power
Figure 14. AC Response
Figure 15. Output Step Size vs. Gain Control
Figure 16. Two-Tone Intermodulation Distortion
Figure 17. Isolation in Transmit Disable Mode vs. Frequency
Figure 18. Gain Error vs. Gain Control for Various Frequencies
CENTER 21 MHz
–100
–90
–80
–70
0
–10
–20
–30
–40
–60
–50
100 kHz/DIV
SPAN 1 MHz
CH PWR
WORST ACP
12dBm
–61dBc
CL1
CL1
CU1
CU1
C0
C0
FREQUENCY (MHz)
0.1
40
30
20
10
10
20
30
40
0
1
10
100
1000
DEC60
DEC54
DEC48
DEC42
DEC36
DEC30
DEC24
DEC18
DEC12
DEC 1 TO DEC 6
GAIN CONTROL (Decimal Code)
0
6
12
18
24
30
36
42
48
54
60
f = 10MHz
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
FREQUENCY (MHz)
41.6
41.7
–40
–30
–20
–10
60
50
40
30
20
0
10
41.8
41.9
42.0
42.1
42.2
42.3
42.4
42.5
VOUT = 57dBmV/TONE
@ MAX GAIN
FREQUENCY (MHz)
0
0
10
10
20
30
40
50
60
70
80
90
100
100
1000
MAX GAIN
MIN GAIN
TXEN = 0
VIN = 27.5dBmV
GAIN CONTROL (Decimal Code)
0
6
12
24
18
30
36
42
48
54
60
f = 10MHz
2.0
1.5
1.0
0.5
0
0.5
1.0
1.5
2.0
f = 5MHz
f = 42MHz
f = 65MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com