Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AD8324 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8324
Description  3.3 V Upstream Cable Line Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8324 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8324_15 Datasheet HTML 2Page - Analog Devices AD8324_15 Datasheet HTML 3Page - Analog Devices AD8324_15 Datasheet HTML 4Page - Analog Devices AD8324_15 Datasheet HTML 5Page - Analog Devices AD8324_15 Datasheet HTML 6Page - Analog Devices AD8324_15 Datasheet HTML 7Page - Analog Devices AD8324_15 Datasheet HTML 8Page - Analog Devices AD8324_15 Datasheet HTML 9Page - Analog Devices AD8324_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD8324
Data Sheet
Rev. B | Page 6 of 16
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Rating
Supply Voltage, VCC
3.63 V
Input Voltage
VIN+, VIN–
1.5 V p-p
DATEN, SDATA, CLK, SLEEP, TXEN
–0.5 V to +3.63 V
Internal Power Dissipation
776 mW
Operating Temperature Range
20-Lead LFCSP
–40°C to +85°C
20-Lead QSOP
–25°C to +70°C
Storage Temperature Range
–65°C to +150°C
Lead Temperature (Soldering, 60 sec)
300°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
Table 5.
Model
θJA
Unit
20-Lead QSOP
83.21
°C/W
20-Lead LFCSP
30.42
°C/W
1
Thermal resistance measured on SEMI standard 4-layer board.
2
Thermal resistance measured on SEMI standard 4-layer board, paddle
soldered to board.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com