Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADE7761 Datasheet(PDF) 4 Page - Analog Devices

Part # ADE7761
Description  Energy Metering IC with On-Chip Fault and Missing Neutral Detection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7761 Datasheet(HTML) 4 Page - Analog Devices

  ADE7761_15 Datasheet HTML 1Page - Analog Devices ADE7761_15 Datasheet HTML 2Page - Analog Devices ADE7761_15 Datasheet HTML 3Page - Analog Devices ADE7761_15 Datasheet HTML 4Page - Analog Devices ADE7761_15 Datasheet HTML 5Page - Analog Devices ADE7761_15 Datasheet HTML 6Page - Analog Devices ADE7761_15 Datasheet HTML 7Page - Analog Devices ADE7761_15 Datasheet HTML 8Page - Analog Devices ADE7761_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
ADE7761
Rev. A | Page 4 of 28
SPECIFICATIONS
VDD = 5 V ± 5%, AGND = DGND = 0 V, on-chip reference, on-chip oscillator, TMIN to TMAX = –40°C to +85°C.
Table 1.
Parameter
Value
Unit
Test Conditions/Comments
ACCURACY1
Measurement Error2
0.1
% of reading, typ
Over a dynamic range of 500 to 1
Phase Error between Channels
(PF = 0.8 Capacitive)
±0.05
Degrees, max
Phase lead 37°
(PF = 0.5 Inductive)
±0.05
Degrees, max
Phase lag 60°
AC Power Supply Rejection2
Output Frequency Variation
0.01
%, typ
V1A = V1B = V2P = ±100 mV rms
DC Power Supply Rejection2
Output Frequency Variation
0.01
%, typ
V1A = V1B = V2P = ±100 mV rms
FAULT DETECTION2, 3
See the Fault Detection section
Fault Detection Threshold
Inactive Input <> Active Input
6.25
%, typ
(V1A or V1B active)
Input Swap Threshold
Inactive Input <> Active Input
6.25
% of larger, typ
(V1A or V1B active)
Accuracy Fault Mode Operation
V1A Active, V1B = AGND
0.1
% of reading, typ
Over a dynamic range of 500 to 1
V1B Active, V1A = AGND
0.1
% of reading, typ
Over a dynamic range of 500 to 1
Fault Detection Delay
3
Seconds, typ
Swap Delay
3
Seconds, typ
MISSING NEUTRAL MODE2, 4
See the Missing Neutral Detection section
Missing Neutral Detection Threshold
V2P − V2N
59.4
mV peak, min
Accuracy Missing Neutral Mode
V1A Active, V1B = V2P = AGND
0.1
% of reading, typ
Over a dynamic range of 500 to 1
V1B Active, V1A = V2P = AGND
0.1
% of reading, typ
Over a dynamic range of 500 to 1
Missing Neutral Detection Delay
3
Seconds, typ
ANALOG INPUTS
V1A − V1N, V1B − V1N, V2P − V2N
Maximum Signal Levels
±660
mV peak, max
Differential input
660
mV peak, max
Differential input MISCAL − V2N
Input Impedance (DC)
400
kΩ, min
Bandwidth (−3 dB)
7
kHz, typ
ADC Offset Error2
10
mV, max
Uncalibrated error, see the Terminology section for details
Gain Error
±4
%, typ
External 2.5 V reference
REFERENCE INPUT
REFIN/OUT Input Voltage Range
2.7
V, max
2.5 V + 8%
2.3
V, min
2.5 V − 8%
Input Impedance
4
kΩ, min
Input Capacitance
10
pF, max
ON-CHIP REFERENCE
Reference Error
±200
mV, max
Temperature Coefficient
30
ppm/°C, typ
Current Source
20
µA, min
ON-CHIP OSCILLATOR
Oscillator Frequency
450
kHz
Oscillator Frequency Tolerance
±12
% of reading, typ
Temperature Coefficient
30
ppm/°C, typ
See footnotes on next page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com