Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADE7761 Datasheet(PDF) 6 Page - Analog Devices

Part # ADE7761
Description  Energy Metering IC with On-Chip Fault and Missing Neutral Detection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7761 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADE7761_15 Datasheet HTML 2Page - Analog Devices ADE7761_15 Datasheet HTML 3Page - Analog Devices ADE7761_15 Datasheet HTML 4Page - Analog Devices ADE7761_15 Datasheet HTML 5Page - Analog Devices ADE7761_15 Datasheet HTML 6Page - Analog Devices ADE7761_15 Datasheet HTML 7Page - Analog Devices ADE7761_15 Datasheet HTML 8Page - Analog Devices ADE7761_15 Datasheet HTML 9Page - Analog Devices ADE7761_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
ADE7761
Rev. A | Page 6 of 28
TIMING CHARACTERISTICS
VDD = 5 V ± 5%, AGND = DGND = 0 V, on-chip reference, on-chip oscillator, TMIN to TMAX = –40°C to +85°C.
Sample tested during initial release and after any redesign or process change that may affect this parameter.
See Figure 2.
Table 2.
Parameter
Value
Unit
Test Conditions/Comments
t11
120
ms
F1 and F2 Pulse Width (Logic High).
t2
See Table 6
s
Output Pulse Period. See the Transfer Function section.
t3
1/2 t2
s
Time between F1 Falling Edge and F2 Falling Edge.
t41
90
ms
CF Pulse Width (Logic High).
t5
See Table 7
s
CF Pulse Period. See the Transfer Function section.
t6
CLKIN/4
s
Minimum Time between F1 and F2 Pulse.
1 The pulse widths of F1, F2, and CF are not fixed for higher output frequencies. See the Transfer Function section.
t1
t6
t3
t4
t2
t5
F1
F2
CF
Figure 2. Timing Diagram for Frequency Outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com