Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADE7761 Datasheet(PDF) 8 Page - Analog Devices

Part # ADE7761
Description  Energy Metering IC with On-Chip Fault and Missing Neutral Detection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7761 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADE7761_15 Datasheet HTML 4Page - Analog Devices ADE7761_15 Datasheet HTML 5Page - Analog Devices ADE7761_15 Datasheet HTML 6Page - Analog Devices ADE7761_15 Datasheet HTML 7Page - Analog Devices ADE7761_15 Datasheet HTML 8Page - Analog Devices ADE7761_15 Datasheet HTML 9Page - Analog Devices ADE7761_15 Datasheet HTML 10Page - Analog Devices ADE7761_15 Datasheet HTML 11Page - Analog Devices ADE7761_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
ADE7761
Rev. A | Page 8 of 28
TERMINOLOGY
Measurement Error
The error associated with the energy measurement made by the
ADE7761 is defined by the following formula:
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
×
−
=
%
100
7761
Energy
True
Energy
True
ADE
by
registered
Energy
Error
Percentage
Phase Error between Channels
The high-pass filter (HPF) in the current channel has a phase
lead response. To offset this phase response and equalize the
phase response between channels, a phase correction network is
also placed in the current channel. The phase correction net-
work ensures a phase match between the current channels and
voltage channels to within ±0.1° over a range of 45 Hz to 65 Hz
and ±0.2° over a range 40 Hz to 1 kHz.
Power Supply Rejection
This quantifies the ADE7761 measurement error as a percent-
age of reading when the power supplies are varied. For the ac
PSR measurement, a reading at nominal supplies (5 V) is taken.
A second reading is obtained with the same input signal levels
when an ac (175 mV rms/100 Hz) signal is introduced onto the
supplies. Any error introduced by this ac signal is expressed as a
percentage of reading (see the Measurement Error definition
above).
For the dc PSR measurement, a reading at nominal supplies
(5 V) is taken. A second reading is obtained with the same input
signal levels when the power supplies are varied ±5%. Any error
introduced is again expressed as a percentage of reading.
ADC Offset Error
This refers to the dc offset associated with the analog inputs to
the ADCs. It means that with the analog inputs connected to
AGND, the ADCs still see a dc analog input signal. The magni-
tude of the offset depends on the input range selection (see the
Typical Performance Characteristics section). However, when
HPFs are switched on, the offset is removed from the current
channels and the power calculation is not affected by this offset.
Gain Error
The gain error in the ADE7761 ADCs is defined as the differ-
ence between the measured output frequency (minus the offset)
and the ideal output frequency. The difference is expressed as a
percentage of the ideal frequency, which is obtained from the
transfer function (see the Transfer Function section).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com