Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HS-1120RH Datasheet(PDF) 7 Page - Intersil Corporation

Part # HS-1120RH
Description  Radiation Hardened, Ultra High Speed Current Feedback Amplifier with Offset Adjust
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS-1120RH Datasheet(HTML) 7 Page - Intersil Corporation

Back Button HS-1120RH Datasheet HTML 3Page - Intersil Corporation HS-1120RH Datasheet HTML 4Page - Intersil Corporation HS-1120RH Datasheet HTML 5Page - Intersil Corporation HS-1120RH Datasheet HTML 6Page - Intersil Corporation HS-1120RH Datasheet HTML 7Page - Intersil Corporation HS-1120RH Datasheet HTML 8Page - Intersil Corporation HS-1120RH Datasheet HTML 9Page - Intersil Corporation HS-1120RH Datasheet HTML 10Page - Intersil Corporation HS-1120RH Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
FIGURE 14. GAIN FLATNESS (AV = +2)
FIGURE 15. DEVIATION FROM LINEAR PHASE (AV = +2)
FIGURE 16. SETTLING RESPONSE (AV = +2, VOUT = 2V)
FIGURE 17. 3rd ORDER INTERMODULATION INTERCEPT
(2-TONE)
FIGURE 18. 2nd HARMONIC DISTORTION vs POUT
FIGURE 19. 3rd HARMONIC DISTORTION vs POUT
Typical Performance Curves VSUPPLY = ±5V, RF = 510Ω, RL = 100Ω, TA = +25oC, Unless Otherwise Specified (Continued)
FREQUENCY (MHz)
0
-0.05
-0.10
1
10
100
-0.15
-0.20
+2.0
+1.5
+1.0
+0.5
0
-0.5
-1.0
-1.5
-2.0
0
15
30
45
60
75
90
105
120
135
150
FREQUENCY (MHz)
TIME (ns)
0.6
0.4
0.2
0
-4
1
6
21
31
-0.2
11
16
26
36
41
46
-0.4
-0.6
FREQUENCY (MHz)
40
35
30
25
20
0
100
200
15
300
400
10
5
0
OUTPUT POWER (dBm)
-30
-35
-40
-45
-50
-5
3
-55
-60
-65
-70
-3
-1
1
5
7
9
11
13
15
100MHz
50MHz
30MHz
OUTPUT POWER (dBm)
-30
-40
-50
-60
-70
-5
3
-80
-90
-100
-110
-3
-1
1
5
7
9
11
13
15
100MHz
50MHz
30MHz
HS-1120RH



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com