Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HS-1120RH Datasheet(PDF) 3 Page - Intersil Corporation

Part # HS-1120RH
Description  Radiation Hardened, Ultra High Speed Current Feedback Amplifier with Offset Adjust
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS-1120RH Datasheet(HTML) 3 Page - Intersil Corporation

  HS-1120RH Datasheet HTML 1Page - Intersil Corporation HS-1120RH Datasheet HTML 2Page - Intersil Corporation HS-1120RH Datasheet HTML 3Page - Intersil Corporation HS-1120RH Datasheet HTML 4Page - Intersil Corporation HS-1120RH Datasheet HTML 5Page - Intersil Corporation HS-1120RH Datasheet HTML 6Page - Intersil Corporation HS-1120RH Datasheet HTML 7Page - Intersil Corporation HS-1120RH Datasheet HTML 8Page - Intersil Corporation HS-1120RH Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
currents are uncorrelated on current feedback amplifiers, so
this technique is inappropriate.
-IBIAS flows through RF causing an output offset error.
Likewise, any change in -IBIAS forces a corresponding
change in output voltage, providing the capability for output
offset adjustment. By nulling -IBIAS to zero, the offset error
due to this current is eliminated. In addition, an adjustment
limit greater than the -IBIAS limit allows the user to null the
contributions from other error sources, such as VIO, or +IN
source impedance. For example, the excess adjust current
of 50
µA [IBNADJ (Min) - IBSN (Max)] allows for the nulling of
an additional 26mV of output offset error (with RF = 510Ω) at
room temperature. The amount of adjustment is a function of
RF, so adjust range increases with increased RF. If allowed
by other considerations, such as bandwidth and noise, RF
can be increased to provide more adjustment range.
The recommended offset adjustment circuit is shown in
Figure 3.
FIGURE 2A. SCHEMATIC
FIGURE 2B. TOP LAYOUT
FIGURE 2C. BOTTOM LAYOUT
FIGURE 2. EVALUATION BOARD SCHEMATIC AND LAYOUT
FIGURE 3. OFFSET VOLTAGE ADJUSTMENT CIRCUIT
1
2
3
4
8
7
6
5
+5V
10
µF
0.1
µF
VH
50
GND
GND
R1
-5V
0.1
µF
10
µF
50
IN
OUT
VL
500
500
VH
+IN
VL
V+
GND
1
V-
OUT
HS-1120RH
-
+
2
3
4
510
6
10K
5
1
VOUT
V-
VIN
HS-1120RH



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com