Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACE728E Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE728E
Description  42V Input Standoff Voltage, Step-Down LED Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE728E Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE728E Datasheet HTML 1Page - ACE Technology Co., LTD. ACE728E Datasheet HTML 2Page - ACE Technology Co., LTD. ACE728E Datasheet HTML 3Page - ACE Technology Co., LTD. ACE728E Datasheet HTML 4Page - ACE Technology Co., LTD. ACE728E Datasheet HTML 5Page - ACE Technology Co., LTD. ACE728E Datasheet HTML 6Page - ACE Technology Co., LTD. ACE728E Datasheet HTML 7Page - ACE Technology Co., LTD. ACE728E Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ACE728E
42V Input Standoff Voltage, Step-Down LED Driver
VER 1.1
3
Ordering information
ACE728E XX
+
H
Block Diagram
Electrical Characteristics
VIN=VEN=5, TA=25℃
Parameter
Conditions
Min
Typ
Max
Unit
Input Standoff Voltage
42
V
Input Voltage Range
4
38
V
Input UVLO
Rising, Hysteresis=140mV
3.80
V
Input OVP
Rising, Hysteresis=1.3V
38
V
Input Supply Current
VFB=0.85V
0.6
mA
Input Shutdown Current
6
uA
FB Feedback Voltage
0.14
0.155
0.170
V
FB Input Current
0.01
uA
Switching Frequency
KHz
Halogen - free
GM : SOT-23-6
Pb - free



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com