Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACE728E Datasheet(PDF) 5 Page - ACE Technology Co., LTD.

Part # ACE728E
Description  42V Input Standoff Voltage, Step-Down LED Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE728E Datasheet(HTML) 5 Page - ACE Technology Co., LTD.

  ACE728E Datasheet HTML 1Page - ACE Technology Co., LTD. ACE728E Datasheet HTML 2Page - ACE Technology Co., LTD. ACE728E Datasheet HTML 3Page - ACE Technology Co., LTD. ACE728E Datasheet HTML 4Page - ACE Technology Co., LTD. ACE728E Datasheet HTML 5Page - ACE Technology Co., LTD. ACE728E Datasheet HTML 6Page - ACE Technology Co., LTD. ACE728E Datasheet HTML 7Page - ACE Technology Co., LTD. ACE728E Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ACE728E
42V Input Standoff Voltage, Step-Down LED Driver
VER 1.1
5
APPLICATION INFORMATION
Setting LED Current
The current sense resistor is inserted between the anode of LED and GND. The current sense resistor
value is calculated as:R1=0.155V/lLED For 1A LED current, choose R1=155
Inductor Selection
The peak-to-peak ripple is limited to 30% of the maximum output current.This places the peak current far
enough from the minimum overcurrent trip level to ensure reliable operation while providing enough
current ripples for the current mode converter to operate stably. In this case, for 1A maximum output
current, the maximum inductor ripple current is 300 mA.The inductor size is estimated as following
equation: LIDEAL=(VIN(MAX)-VOUT)/IRIPPLE*DMIN*(1/FOSC).
Therefore, for VOUT=5V, The inductor
values is calculated to be L = 15μH. Chose 10μH or 15μH
For VOUT
=3.3V, The inductor values is calculated to be L = 4.9μH. Chose 4.7μH
Output Capacitor Selection
For most applications a nominal 22μF or larger capacitor is suitable. The ACE728E internal
compensation is designed for a fixed corner frequency that is equal to
= 10Khz. For example,
for VOUT
=5V, L=15μH, C
OUT
=22μF.
The output capacitor keeps output ripple small and ensures control-loop stability. The output capacitor
must also have low impedance at the switching frequency. Ceramic, polymer, and tantalum capacitors are
suitable, with ceramic exhibiting the lowest ESR and high-frequency impedance. Output ripple with a
ceramic output capacitor is approximately as follows:VRIPPLE = IL(PEAK)
[1 / (2π x f
OSC x COUT)].
If the capacitor has significant ESR, the output ripple component due to capacitor ESR is as follows:
VRIPPLE(ESR) = IL(PEAK) x ESR
Input Capacitor Selection
The input capacitor in a DC-to-DC LED Driver reduces current peaks drawn from the battery or other
input power source and reduces switching noise in the controller. The impedance of the input capacitor at
the switching frequency should be less than that of the input source so high-frequency switching currents
do not pass through the input source.The output capacitor keeps output ripple small and ensures
control-loop stability
Dimming Control
A typical application of ACE728E with PWM dimming control is shown at right-hand, please contact ACE
engineers’ technical support for defining the peripheral R, C values.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com