Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACE728E Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE728E
Description  42V Input Standoff Voltage, Step-Down LED Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE728E Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE728E Datasheet HTML 1Page - ACE Technology Co., LTD. ACE728E Datasheet HTML 2Page - ACE Technology Co., LTD. ACE728E Datasheet HTML 3Page - ACE Technology Co., LTD. ACE728E Datasheet HTML 4Page - ACE Technology Co., LTD. ACE728E Datasheet HTML 5Page - ACE Technology Co., LTD. ACE728E Datasheet HTML 6Page - ACE Technology Co., LTD. ACE728E Datasheet HTML 7Page - ACE Technology Co., LTD. ACE728E Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ACE728E
42V Input Standoff Voltage, Step-Down LED Driver
VER 1.1
1
Description
The ACE728E is a wide input range, high-efficiency, and high frequency DC-to-DC step-down LED driver,
capable of delivering up to 1.5A of output current. ACE728E provide 0.15V feedback voltage, which
minimize the power loss on the sense resistor in a LED driver system. With a fixed switching frequency of
600KHz, This current mode PWM controlled LED Driver allows the use of small external components,
such as ceramic input and output caps, as wel as small inductors. ACE728E also employs a proprietary
control scheme that switches the device into a power save mode during light load, thereby extending the
range of high efficiency operation. An OVP function protects the IC itself and its downstream system
against input voltage surges. With the hysteresis, EN can be controlled by the ambient light-sensitive
resistor.
ACE728E is available in a space-saving SOT23-6 package.
Features
 Wide Input Operating Range from 4.5V to 38V
 Standoff Input Voltage: 42V
 High Efficiency PFM mode at light load
 Capable of Delivering 1.5A
 No External Compensation Needed
 Current Mode control
 Logic Control Shutdown
 En can be controlled by ambient light
 Thermal shutdown and UVLO
 Available in SOT23-6 Package
Application
 IR LED driver for surveillance camera
 LED lighting
 Constant current source
Absolute Maximum Rating
Parameter
Value
IN Voltage
–0.3V to 42V
SW ,EN Voltage
–0.3V to VIN+0.3
BST Voltage
–0.3V to SW+6V
FB Voltage
–0.3V to 6V
SW to ground current
Internally limited
Operating Temperature Range
–40°C to 85°
Storage Temperature Range
.–55°C to 150°C
Thermal Resistance
SOT23-6
θJA
θJC
220
110
°C/W
(Note: Exceeding these limits may damage the device. Exposure to absolute maximum rating conditions for long periods may affect device reliability.)


Similar Part No. - ACE728E

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE7203B ACE-ACE7203B Datasheet
748Kb / 6P
P-Channel Enhancement Mode Power MOSFET
VER 1.1
ACE7203BPN+H ACE-ACE7203BPN+H Datasheet
748Kb / 6P
P-Channel Enhancement Mode Power MOSFET
VER 1.1
ACE7203D ACE-ACE7203D Datasheet
207Kb / 3P
800mA, 2V-6.5V Input,1.5MHz Synchronous Step-Down Converter
VER 1.1
ACE7207D ACE-ACE7207D Datasheet
568Kb / 8P
1uA Ultra-Low Quiescent Current, 0.6A Output Synchronous BUCK
VER 1.1
ACE7210A ACE-ACE7210A Datasheet
187Kb / 2P
1A 2MHz 5.5V Synchronous Buck Converter
VER 1.1
More results

Similar Description - ACE728E

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR9641 LRC-LR9641 Datasheet
861Kb / 8P
42V Input Standoff Voltage, 0.7A Step-Down Converter
logo
SHANGHAI BELLING CO., L...
BL9641 BELLING-BL9641 Datasheet
1Mb / 7P
42V Input Standoff Voltage, 0.7A Step-Down Converter
BL9641B BELLING-BL9641B Datasheet
473Kb / 7P
42V Input Standoff Voltage, 0.4A Step-Down Converter
logo
ACE Technology Co., LTD...
ACE736E ACE-ACE736E Datasheet
644Kb / 9P
42V Input Standoff Voltage, 0.4A Step-Down Converter
VER 1.1
logo
ETA SOLUTIONS CO. LIMIT...
ETA2821 ETA-ETA2821 Datasheet
199Kb / 1P
42V Input Standoff Voltage, 1.5A Step-Down Converter in SOT23-6
ETA2840 ETA-ETA2840 Datasheet
133Kb / 1P
42V Input Standoff Voltage, 1A Step-Down LED Driver in SOT23-6
ETA2841 ETA-ETA2841 Datasheet
198Kb / 1P
42V Input Standoff Voltage, 0.6A Step-Down Converter in SOT23-6
ETA2842 ETA-ETA2842 Datasheet
293Kb / 1P
42V Input Standoff Voltage, 1A Step-Down Converter in SOT23-6
ETA2843 ETA-ETA2843 Datasheet
135Kb / 1P
42V Input Standoff Voltage, 0.4A Step-Down Converter in SOT23-6
ETA2845 ETA-ETA2845 Datasheet
138Kb / 1P
42V Input Standoff Voltage, 0.4A Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com